Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL55016 Datasheet (PDF) - Intersil Corporation

ISL55016 Datasheet PDF - Intersil Corporation
Part # ISL55016
Download  ISL55016 Download
File Size   407.16 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description MMIC Silicon Bipolar Differential Amplifier

ISL55016 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL55016 Datasheet PDF - Intersil Corporation

Part # ISL55016
Download  ISL55016 Click to download

File Size   407.16 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description MMIC Silicon Bipolar Differential Amplifier

ISL55016 Datasheet (HTML) - Intersil Corporation


ISL55016 Product details

The ISL55016 is a high performance gain block which can
match a 75Ω single-ended source to a 100Ω differential
load. This feature makes the ISL55016 ideal for a wide
range of general-purpose applications such as Satellite TV.
The ISL55016 can be used as single-ended to differential
converter and eliminates the need for an external balun
structure.

Features
• Input Impedance of 75Ω Single-Ended
• Output Impedance of 100Ω Differential
• Noise Figure of 5.4dB
• OIP3 of 26dBm
• Input Return Loss of 27dB
• Pb-Free (RoHS Compliant)

Applications
• Active Balun Function
• LNB and LNB-T (HDTV) Amplifiers
• IF Gain Blocks for Satellite and Terrestrial STBs
• PA Driver Amplifier
• Wireless Data, Satellite
• Bluetooth/WiFi
• Satellite Locator and Signal Strength Meters




Similar Part No. - ISL55016

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55016 INTERSIL-ISL55016 Datasheet
410Kb / 11P
MMIC Silicon Bipolar Differential Amplifier
June 24, 2008
logo
Renesas Technology Corp
ISL55016 RENESAS-ISL55016 Datasheet
707Kb / 11P
MMIC Silicon Bipolar Differential Amplifier
logo
Intersil Corporation
ISL55016IRTZ-T7 INTERSIL-ISL55016IRTZ-T7 Datasheet
410Kb / 11P
MMIC Silicon Bipolar Differential Amplifier
June 24, 2008
logo
Renesas Technology Corp
ISL55016IRTZ-T7 RENESAS-ISL55016IRTZ-T7 Datasheet
707Kb / 11P
MMIC Silicon Bipolar Differential Amplifier
More results


Similar Description - ISL55016

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
IVA-05228 HP-IVA-05228 Datasheet
63Kb / 4P
Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier Differential Option
MSA2111 HP-MSA2111 Datasheet
40Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
logo
M-pulse Microwave Inc.
MP4TD0600 MPLUSE-MP4TD0600 Datasheet
133Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
logo
Intersil Corporation
ISL55014 INTERSIL-ISL55014 Datasheet
254Kb / 6P
MMIC Silicon Bipolar Broadband Amplifier
February 13, 2007
logo
Agilent(Hewlett-Packard...
MSA-0104 HP-MSA-0104_97 Datasheet
30Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
logo
Intersil Corporation
ISL55015 INTERSIL-ISL55015_07 Datasheet
273Kb / 6P
MMIC Silicon Bipolar Broadband Amplifier
August 16, 2007
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0711 AVAGO-MSA-0711 Datasheet
158Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-0505 AVAGO-MSA-0505 Datasheet
165Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
logo
Intersil Corporation
ISL55016 INTERSIL-ISL55016 Datasheet
410Kb / 11P
MMIC Silicon Bipolar Differential Amplifier
June 24, 2008
logo
Renesas Technology Corp
ISL55016 RENESAS-ISL55016 Datasheet
707Kb / 11P
MMIC Silicon Bipolar Differential Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com