Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2-92633-LR Datasheet (PDF) - Intersil Corporation

D2-92633-LR Datasheet PDF - Intersil Corporation
Part # D2-92633-LR
Download  D2-92633-LR Download
File Size   888.72 Kbytes
Page   38 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Intelligent Digital Amplifier and Sound Processor

D2-92633-LR Datasheet (PDF)

Go To PDF Page Download Datasheet
D2-92633-LR Datasheet PDF - Intersil Corporation

Part # D2-92633-LR
Download  D2-92633-LR Click to download

File Size   888.72 Kbytes
Page   38 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Intelligent Digital Amplifier and Sound Processor

D2-92633-LR Datasheet (HTML) - Intersil Corporation


D2-92633-LR Product details

The D2-926xx family of the DAE-3™ and DAE-3HT™ Digital
Audio Engine™ devices are complete System-on Chip (SoC)
multi-channel digital sound processors and Class-D amplifier
controllers.
The integrated DSP provides efficient and configurable audio
signal path processing including equalization, dynamic range
compression, mixing, and filtering that is completely
configurable via the Audio Canvas™ III high level programming
interface. The integrated PWM engine supports programmable
and dynamic control of audio output, enabling a variety of
multi-channel output configurations and output power
capacity. Internal noise shaping, an embedded asynchronous
sample rate converter, dynamic level-dependent timing, and
high resolution operation supports power stage audio
performances with SNR >110dB and THD+N < 0.01%.
The D2-926xx devices are provided in two package and feature
configurations which include the 128-pin DAE-3, and the72-pin
DAE-3HT. Both the DAE-3 and DAE-3HT provide identical
performance and enable an extremely flexible platform for
feature rich and cost-affordable quality audio solutions, which
benefit from the addition of Class-D amplifiers and DSP audio
processing.
The 12 integrated digital PWM controllers can be used in a
variety of multi-channel audio system configurations,
supporting powered as well as line outputs. Fully protected
amplifier control provides efficient and clean Class-D power
output support.

Features
• Advanced DAE-3™ Digital Audio Engine™ IC Family
- DAE-3™ Pin Compatible and Function/Feature
Compatible with the D2Audio™ DAE-6™ Device Family
- DAE-3HT™ - Identical DAE-3 performance, in
72-QFN package
• Integrated DSP Digital Sound Processing
- Customizable audio path sound processing
- Fully configurable and routable audio signal paths and
hardware function assignment
- Fully Supported with Audio Canvas™ III Design Tool
• Flexible Audio Input and Output Configurations
- 12 Independent PWM Engine Channels
- 4 Independent Asynchronous I2S Digital Inputs
- Integrated high-performance stereo ADC (DAE-3 only)
- S/PDIF™ Digital Audio Inputs supporting
Linear IEC-61958 PCM or Compressed IEC-61937 Audio
- S/PDIF Digital Audio PCM Output
• Embedded 8-Channel Sample Rate Converter
• Real-Time Amplifier Control and Monitoring
- Supports Bridged, Half-Bridged, and Bridge-Tied Load (BTL)
Topologies, Using Discrete or Integrated Power Stages
- Complete Fault Protection with Automatic Recovery
• D2Audio™ SoundSuite™ Enhancement and Virtualization
• Enhanced Audio Processing Decoders And Virtualization
- Dolby® Digital/AC3
- Dolby® Pro Logic IIx
- Dolby® Virtual Speaker
- SRS TruSurround HD4™ , SRS WOW HD™,
SRS TruVolume™

Applications
• DTV and Blu-ray Soundbar
• DVD and Blu-ray Home Theater Systems
• Home Theater in a Box (HTiB)
• Audio Video Receiver (AVR)
• Multi-Channel Multi-Media (MM) Systems
• Multi-Room Distributed Audio (MRDA)
• Powered Speaker Systems
• Automotive Trunk/Amplified Solutions




Similar Part No. - D2-92633-LR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
D2-92633-LR RENESAS-D2-92633-LR Datasheet
1Mb / 40P
Intelligent Digital Amplifier and Sound Processor
Oct 24, 2022
D2-92633-LR RENESAS-D2-92633-LR Datasheet
1Mb / 39P
Intelligent Digital Amplifier and Sound Processor
Rev.4.02 Dec 12, 2024
D2-92633-LR RENESAS-D2-92633-LR_V01 Datasheet
1Mb / 39P
Intelligent Digital Amplifier and Sound Processor
Rev.4.02 Dec 12, 2024
More results


Similar Description - D2-92633-LR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DPL4519 ETC-DPL4519 Datasheet
1Mb / 64P
Sound Processor for Digital and Analog Surround Systems
logo
Intersil Corporation
D2-45057 INTERSIL-D2-45057_10 Datasheet
417Kb / 31P
Intelligent Digital Amplifier PWM Controller and Audio Processor
July 29, 2010
D2-41051-QR INTERSIL-D2-41051-QR Datasheet
84Kb / 2P
Intelligent Digital Amplifier PWM Controller and Audio Processor
D2-92683-QR INTERSIL-D2-92683-QR Datasheet
105Kb / 3P
Intelligent Digital Amplifier and Sound Processor
D2-71083-LR INTERSIL-D2-71083-LR Datasheet
713Kb / 33P
Intelligent Digital Amplifier and Sound Processor
September 29, 2011
D2-45057-QR INTERSIL-D2-45057-QR Datasheet
415Kb / 31P
Intelligent Digital Amplifier PWM Controller and Audio Processor
July 29, 2010
logo
Renesas Technology Corp
D2-41051 RENESAS-D2-41051 Datasheet
800Kb / 21P
Intelligent Digital Amplifier PWM Controller and Audio Processor
D2-45057 RENESAS-D2-45057 Datasheet
1Mb / 30P
Intelligent Digital Amplifier PWM Controller and Audio Processor
D2-71083-LR RENESAS-D2-71083-LR Datasheet
1Mb / 33P
Intelligent Digital Amplifier and Sound Processor
Mar. 19, 2019
D2-92633-LR RENESAS-D2-92633-LR Datasheet
1Mb / 40P
Intelligent Digital Amplifier and Sound Processor
Oct 24, 2022
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com