Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX23L1610 Datasheet (PDF) - Macronix International

MX23L1610 Datasheet PDF - Macronix International
Part # MX23L1610
Download  MX23L1610 Download
File Size   770.14 Kbytes
Page   11 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM

MX23L1610 Datasheet (PDF)

Go To PDF Page Download Datasheet
MX23L1610 Datasheet PDF - Macronix International

Part # MX23L1610
Download  MX23L1610 Click to download

File Size   770.14 Kbytes
Page   11 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM

MX23L1610 Datasheet (HTML) - Macronix International


MX23L1610 Product details

FEATURES
• Bit organization
   - 2M x 8 (byte mode)
   - 1M x 16 (word mode)
• Fast access time
   - 70ns (max.)@3.3V±10%
• Current
   - Operating:25mA
   - Standby:15uA
• Supply voltage
   - 3.0V ~ 3.6V
• Package
   - 44 pin SOP (500mil)
   - 42 pin DIP (600mil)
   - 48 pin TSOP (12mm x 20mm)
   - 44 pin TSOP (Type II)




Similar Part No. - MX23L1610

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L1611 MCNIX-MX23L1611 Datasheet
478Kb / 9P
3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
MX23L1611MC-10 MCNIX-MX23L1611MC-10 Datasheet
478Kb / 9P
3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
MX23L1611MC-10G MCNIX-MX23L1611MC-10G Datasheet
478Kb / 9P
3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
MX23L1611MC-12 MCNIX-MX23L1611MC-12 Datasheet
478Kb / 9P
3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
MX23L1611MC-12G MCNIX-MX23L1611MC-12G Datasheet
478Kb / 9P
3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
More results


Similar Description - MX23L1610

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C1610 MCNIX-MX23C1610 Datasheet
768Kb / 11P
5 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23C1611 MCNIX-MX23C1611 Datasheet
477Kb / 9P
5 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
MX23C3210 MCNIX-MX23C3210 Datasheet
770Kb / 11P
5 Volt 32-Mbit (4M x 8 / 2M x 16) Mask ROM
MX23C3211 MCNIX-MX23C3211 Datasheet
514Kb / 8P
5 Volt 32-Mbit (4M x 8 / 2M x 16) Mask ROM with Page Mode
MX23L1611 MCNIX-MX23L1611 Datasheet
478Kb / 9P
3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
logo
AMIC Technology
A23L0616 AMICC-A23L0616 Datasheet
259Kb / 11P
1M X 16 / 2M X 8 BIT CMOS MASK ROM
logo
Cypress Semiconductor
CY62167EV30 CYPRESS-CY62167EV30_09 Datasheet
505Kb / 14P
16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30 CYPRESS-CY62167EV30_10 Datasheet
574Kb / 16P
16-Mbit (1M x 16 / 2M x 8) Static RAM
logo
AMIC Technology
A23L0616 AMICC-A23L0616_15 Datasheet
172Kb / 10P
1M X 16 / 2M X 8 BIT CMOS MASK ROM
logo
Generalplus Technology ...
GPR23L1611D GENERALPLUS-GPR23L1611D Datasheet
187Kb / 11P
3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com