Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2-45057 Datasheet (PDF) - Intersil Corporation

D2-45057 Datasheet PDF - Intersil Corporation
Part # D2-45057
Download  D2-45057 Download
File Size   415.44 Kbytes
Page   31 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Intelligent Digital Amplifier PWM Controller and Audio Processor

D2-45057 Datasheet (PDF)

Go To PDF Page Download Datasheet
D2-45057 Datasheet PDF - Intersil Corporation

Part # D2-45057
Download  D2-45057 Click to download

File Size   415.44 Kbytes
Page   31 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Intelligent Digital Amplifier PWM Controller and Audio Processor

D2-45057 Datasheet (HTML) - Intersil Corporation


D2-45057 Product details

The D2-45057 and D2-45157 devices are complete
System-on-Chip (SoC) Class-D digital audio amplifiers.
Combining high performance integrated Power Stages
along with an optimized Audio Processor feature set and
PWM Controller, these devices offer a complete,
powerful, and very cost effective audio solution for high
volume and cost-critical products.
This 4th generation Digital Audio Engine (DAE-4P)™
device combines extensive integrated Digital Signal
Processor (DSP) audio processing with amplifier control,
for a complete audio solution. Its ease of integration into
the existing system processor provides complete support
for all system product and amplifier functions.
The four configurable Power Stages operate as four
separate Half-Bridge outputs, as two Full-Bridge outputs,
or in combinations of Half-Bridge plus Full-Bridge,
providing flexible loudspeaker drive solutions. Separate
PWM outputs provide additional combinations to drive
headphone, or line level stereo and subwoofer outputs.

Features
• All Digital Class-D Amplifier and Controller with
Integrated Digital Signal Processing (DSP)
• Four Integrated Power Stages Supporting
- 2 Channels, Bridged
- 4 Channels, Half-Bridge
- 2 Channels, Half-Bridge, plus 1 Channel Bridged
• Output Power (Bridged)
- 25W (8Ω, <1% THD); 30W (8Ω, <10% THD)
• Fully Programmable Digital Signal Processing (DSP)
- Up to 5 Programmable Audio Signal Path Channels
- Programmable Equalizers, Filters, Mixers, Limiters
• Includes D2Audio™ SoundSuite™ and
SRS WOW/HD™ Audio Enhancement Algorithms
• I2S and S/PDIF™ Digital Audio Inputs
• Asynchronous Sample Rate Converters;
Sample Rates from 32kHz up to 192kHz
• Wide 9V to 26V Power Stage HV Supply Range, plus
Internally-Generated Gate Drive Supply
• Temperature and Undervoltage Monitoring
and Individual Channel Protection

Applications
• PC/Multimedia Speakers
• Digital TV Audio Systems
• Portable Device Docking Stations
• Powered Speaker Systems




Similar Part No. - D2-45057

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
D2-45057 INTERSIL-D2-45057 Datasheet
417Kb / 31P
Intelligent Digital Amplifier PWM Controller and Audio Processor
July 29, 2010
logo
Renesas Technology Corp
D2-45057 RENESAS-D2-45057 Datasheet
1Mb / 30P
Intelligent Digital Amplifier PWM Controller and Audio Processor
logo
Intersil Corporation
D2-45057-QR INTERSIL-D2-45057-QR Datasheet
417Kb / 31P
Intelligent Digital Amplifier PWM Controller and Audio Processor
July 29, 2010
logo
Renesas Technology Corp
D2-45057-QR RENESAS-D2-45057-QR Datasheet
1Mb / 30P
Intelligent Digital Amplifier PWM Controller and Audio Processor
logo
Intersil Corporation
D2-45057-QR-T INTERSIL-D2-45057-QR-T Datasheet
417Kb / 31P
Intelligent Digital Amplifier PWM Controller and Audio Processor
July 29, 2010
More results


Similar Description - D2-45057

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5001 TI-TAS5001 Datasheet
229Kb / 18P
TRUE DIGITAL AUDIO AMPLIFIER TAS5001 DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012 Datasheet
230Kb / 18P
TRUE DIGITAL AUDIO AMPLIFIER TAS5012 DIGITAL AUDIO PWM PROCESSOR
TAS5001 TI-TAS5001_06 Datasheet
244Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5010 TI-TAS5010_06 Datasheet
262Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012_06 Datasheet
245Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5015 TI-TAS5015_06 Datasheet
273Kb / 20P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
logo
Intersil Corporation
D2-45057 INTERSIL-D2-45057_10 Datasheet
417Kb / 31P
Intelligent Digital Amplifier PWM Controller and Audio Processor
July 29, 2010
D2-41051-QR INTERSIL-D2-41051-QR Datasheet
84Kb / 2P
Intelligent Digital Amplifier PWM Controller and Audio Processor
logo
Renesas Technology Corp
D2-41051 RENESAS-D2-41051 Datasheet
800Kb / 21P
Intelligent Digital Amplifier PWM Controller and Audio Processor
D2-45057 RENESAS-D2-45057 Datasheet
1Mb / 30P
Intelligent Digital Amplifier PWM Controller and Audio Processor
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com