Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL1535A Datasheet (PDF) - Intersil Corporation

ISL1535A Datasheet PDF - Intersil Corporation
Part # ISL1535A
Download  ISL1535A Download
File Size   114.62 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Channel Central Office ADSL2 Line Driver

ISL1535A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL1535A Datasheet PDF - Intersil Corporation

Part # ISL1535A
Download  ISL1535A Click to download

File Size   114.62 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Channel Central Office ADSL2 Line Driver

ISL1535A Datasheet (HTML) - Intersil Corporation


ISL1535A Product details

The ISL1535A is a very low power dual channel
differentiated amplifier designed for central office line driving
for DMT ADSL2+ solutions. This device features a high drive
capability of 600mA while consuming 7.5mA of supply
current per amplifier from ±12V supplies. This driver
achieves a typical distortion of less than -75dBc, at 1MHz
into a 50 load. The ISL1535A is available in a 28 Ld
HTSSOP package and a 24 Ld QFN package. This device is
specified for operation over the full -40°C to +85°C
temperature range.
The ISL1535A has two control pins, C0 and C1, per channel.
With the selection of C0 and C1, the device can be set into
full-IS power, 3/4-IS power, 1/2-IS power, and power-down
disable modes. The ISL1535A maintains excellent distortion
and load driving capabilities even in the lowest power
settings. The ISL1535A has extended bandwidth, low THD
and high slew rate for ADSL2+ applications.

Features
• Drives 400mA at 16VP-P on ±12V supplies
• 21.4VP-P differential output drive into 100
• 20.6VP-P minimum differential output drive into 60
• -75dBc typical driver output distortion driving 50 at 1MHz
and 1/2-IS bias current
• Quiescent current of 7.5mA per amplifier in Full-IS mode
• 100MHz BW at AV = 10
• Current control pins to select power modes
• Pin-to-pin replacement for EL1527 and EL1537
• Pb-free (RoHS compliant)

Applications
• ADSL, ADSL2, ADSL2+ line drivers
• G.SHDSL, HDSL2 line drivers
• VDSL line drivers
• Video distribution amplifiers
• Video twisted-pair line drivers




Similar Part No. - ISL1535A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1535A INTERSIL-ISL1535A Datasheet
53Kb / 2P
Dual Channel Central Office ADSL2 Line Driver
ISL1535AIRZ INTERSIL-ISL1535AIRZ Datasheet
53Kb / 2P
Dual Channel Central Office ADSL2 Line Driver
ISL1535AIRZ-T13 INTERSIL-ISL1535AIRZ-T13 Datasheet
53Kb / 2P
Dual Channel Central Office ADSL2 Line Driver
ISL1535AIVEZ INTERSIL-ISL1535AIVEZ Datasheet
53Kb / 2P
Dual Channel Central Office ADSL2 Line Driver
ISL1535AIVEZ-T13 INTERSIL-ISL1535AIVEZ-T13 Datasheet
53Kb / 2P
Dual Channel Central Office ADSL2 Line Driver
More results


Similar Description - ISL1535A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1535 INTERSIL-ISL1535 Datasheet
46Kb / 2P
Dual Channel Central Office ADSL2 Line Driver
April 3, 2007
EL1537B INTERSIL-EL1537B Datasheet
46Kb / 2P
Dual Channel CO ADSL2 Line Driver
September 28, 2006
EL1537A INTERSIL-EL1537A Datasheet
48Kb / 2P
Dual Channel Central Office ADSL2 Line Driver
April 19, 2007
EL1537 INTERSIL-EL1537 Datasheet
46Kb / 2P
Dual Channel Central Office ADSL2 Line Driver
December 14, 2005
ISL1535_0707 INTERSIL-ISL1535_0707 Datasheet
46Kb / 2P
Dual Channel Central Office ADSL2 Line Driver
July 11, 2007
ISL1536 INTERSIL-ISL1536 Datasheet
134Kb / 2P
Dual Channel Central Office ADSL2 Line Driver
March 8, 2010
ISL1535A INTERSIL-ISL1535A Datasheet
53Kb / 2P
Dual Channel Central Office ADSL2 Line Driver
ISL1536IRZ INTERSIL-ISL1536IRZ Datasheet
356Kb / 9P
Dual Channel Central Office ADSL2 Line Driver
February 15, 2013
logo
Texas Instruments
THS6032 TI1-THS6032_14 Datasheet
1Mb / 35P
LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
logo
Renesas Technology Corp
ISL1536 RENESAS-ISL1536 Datasheet
612Kb / 9P
Dual Channel Central Office ADSL2 Line Driver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com