Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL24202 Datasheet (PDF) - Intersil Corporation

ISL24202 Datasheet PDF - Intersil Corporation
Part # ISL24202
Download  ISL24202 Download
File Size   435.14 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Programmable VCOM Calibrator with EEPROM

ISL24202 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL24202 Datasheet PDF - Intersil Corporation

Part # ISL24202
Download  ISL24202 Click to download

File Size   435.14 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Programmable VCOM Calibrator with EEPROM

ISL24202 Datasheet (HTML) - Intersil Corporation


ISL24202 Product details

The ISL24202 is an 8-bit programmable current sink that can be
used in conjunction with an external voltage divider to generate a
voltage source (VCOM) positioned between the analog supply
voltage and ground. The current sink’s full-scale range is
controlled by an external resistor, RSET. With the appropriate
choice of external resistors R1 and R2, the VCOM voltage range
can be controlled between any arbitrary voltage range. The
ISL24202 has an 8-bit data register and 8-bit EEPROM for storing
both a volatile and a permanent value for its output, accessible
through a single up/down counter interface pin (CTL). After the
part is programmed with the desired VCOM value, the Counter
Enable pin (CE) can be grounded to prevent further changes. On
every power-up the EEPROM contents are automatically
transferred to the data register, and the pre-programmed output
voltage appears at the VOUT pin.
The ISL24202 can be used with a high output drive buffer
amplifier, which allows it to directly drive the VCOM input of an
LCD panel.
The ISL24202 is available in an 8 Ld 3mm x 3mm TDFN
package. This package has a maximum height of 0.8mm for very
low profile designs. The ambient operating temperature range is
-40°C to +85°C.

Features
• Adjustable 8-Bit, 256-Step, Current Sink Output
• On-Chip 8-Bit EEPROM
• Up/Down Counter Interface
• Guaranteed Monotonic Over-Temperature
• 4.5V to 19.0V Analog Supply Range for Normal Operation
(10.8V Minimum Analog Supply Voltage for Programming)
• 2.25V to 3.6V Logic Supply Voltage Operating Range
• Pb-free (RoHS-Compliant)
• Ultra-Thin 8 Ld TDFN (3 x 3 x 0.8mm Max)

Applications
• LCD Panel VCOM Generator
• Electrophoretic Display VCOM Generator




Similar Part No. - ISL24202

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
437Kb / 12P
Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24202IRTZ RENESAS-ISL24202IRTZ Datasheet
576Kb / 12P
Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24202IRTZ-EVALZ INTERSIL-ISL24202IRTZ-EVALZ Datasheet
437Kb / 12P
Programmable VCOM Calibrator with EEPROM
March 15, 2011
More results


Similar Description - ISL24202

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
MAX8738 MAXIM-MAX8738 Datasheet
283Kb / 13P
EEPROM-Programmable TFT VCOM Calibrator with I2C Interface
Rev 0; 3/05
logo
Intersil Corporation
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
Programmable VCOM Calibrator with EEPROM and Output Buffer
March 15, 2011
ISL24211 INTERSIL-ISL24211 Datasheet
455Kb / 12P
Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
Programmable VCOM Calibrator with EEPROM
March 15, 2011
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24211IRTZ INTERSIL-ISL24211IRTZ Datasheet
453Kb / 12P
Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
Programmable VCOM Calibrator with EEPROM
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
Programmable VCOM Calibrator with EEPROM
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
Programmable VCOM Calibrator with EEPROM and Output Buffer
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com