Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL24212 Datasheet (PDF) - Intersil Corporation

ISL24212 Datasheet PDF - Intersil Corporation
Part # ISL24212
Download  ISL24212 Download
File Size   465.62 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Programmable VCOM Calibrator with EEPROM and Output Buffer

ISL24212 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL24212 Datasheet PDF - Intersil Corporation

Part # ISL24212
Download  ISL24212 Click to download

File Size   465.62 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Programmable VCOM Calibrator with EEPROM and Output Buffer

ISL24212 Datasheet (HTML) - Intersil Corporation


ISL24212 Product details

The ISL24212 is an 8-bit programmable current sink that can be
used in conjunction with an external voltage divider to generate a
voltage source (VCOM) positioned between the analog supply
voltage and ground. The current sink’s full-scale range is
controlled by an external resistor, RSET. With the appropriate
choice of external resistors R1 and R2, the VCOM voltage range
can be controlled between any arbitrary voltage range. The
ISL24212 has an 8-bit data register and 8-bit EEPROM for storing
both a volatile and a permanent value for its output, accessible
through a single up/down counter interface pin (CTL). After the
part is programmed with the desired VCOM value, the Counter
Enable pin (CE) can be grounded to prevent further changes. On
every power-up, the EEPROM contents are automatically
transferred to the data register and the pre-programmed output
voltage appears at the VCOM_OUT pin.
The ISL24212 also features an integrated, wide-bandwidth, high
output drive buffer amplifier that can directly drive the VCOM
input of an LCD panel.
The ISL24212 is available in an 10 Ld 3mm x 3mm TDFN
package. This package has a maximum height of 0.8mm for very
low profile designs. The ambient operating temperature range is
-40°C to +85°C.

Features
• Adjustable 8-bit, 256-Step, Current Sink Output
• 60MHz VCOM Buffer/Amplifier
• On-Chip 8-Bit EEPROM
• Up/Down Counter Interface
• Guaranteed Monotonic Over-Temperature
• 4.5V to 19.0V Analog Supply Range for Normal Operation
(10.8V Minimum Analog Supply Voltage for Programming)
• 2.25V to 3.6V Logic Supply Voltage Operating Range
• Pb-free (RoHS-compliant)
• Ultra-Thin 10 Ld TDFN (3x3x0.8mm max)

Applications
• LCD Panel VCOM Generator
• Electrophoretic Display VCOM Generator




Similar Part No. - ISL24212

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
Programmable VCOM Calibrator with EEPROM and Output Buffer
March 15, 2011
logo
Renesas Technology Corp
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24212IRTZ INTERSIL-ISL24212IRTZ Datasheet
468Kb / 12P
Programmable VCOM Calibrator with EEPROM and Output Buffer
March 15, 2011
logo
Renesas Technology Corp
ISL24212IRTZ RENESAS-ISL24212IRTZ Datasheet
585Kb / 12P
Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24212IRTZ-EVALZ INTERSIL-ISL24212IRTZ-EVALZ Datasheet
468Kb / 12P
Programmable VCOM Calibrator with EEPROM and Output Buffer
March 15, 2011
More results


Similar Description - ISL24212

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
Programmable VCOM Calibrator with EEPROM and Output Buffer
March 15, 2011
ISL24211 INTERSIL-ISL24211 Datasheet
455Kb / 12P
Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
Programmable VCOM Calibrator with EEPROM
March 15, 2011
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
Programmable VCOM Calibrator with EEPROM
March 15, 2011
ISL24211IRTZ INTERSIL-ISL24211IRTZ Datasheet
453Kb / 12P
Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
Programmable VCOM Calibrator with EEPROM
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
Programmable VCOM Calibrator with EEPROM
ISL24211 RENESAS-ISL24211 Datasheet
574Kb / 12P
Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
Programmable VCOM Calibrator with EEPROM and Output Buffer
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com