Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54063IRTZ Datasheet (PDF) - Intersil Corporation

ISL54063IRTZ Datasheet PDF - Intersil Corporation
Part # ISL54063IRTZ
Download  ISL54063IRTZ Download
File Size   412.18 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch

ISL54063IRTZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL54063IRTZ Datasheet PDF - Intersil Corporation

Part # ISL54063IRTZ
Download  ISL54063IRTZ Click to download

File Size   412.18 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch

ISL54063IRTZ Datasheet (HTML) - Intersil Corporation


ISL54063IRTZ Product details

The Intersil ISL54063 and ISL54064 devices are a low
ON-resistance, low voltage, bi-directional, dual
single-pole/single-throw (SPST) analog switch. It is designed
to operate from a single +1.8V to +6.5V supply and pass
signals that swing down to 6.5V below the positive supply rail.
Targeted applications include battery powered equipment that
benefit from low rON (0.56Ω), low power consumption (20nA)
and fast switching speeds (tON = 55ns, tOFF = 18ns). The
digital inputs are 1.8V logic-compatible up to a +3V supply.
The ISL54063 and ISL54064 also features integrated circuitry
to eliminate click and pop noise to an audio speaker. The
ISL54063, ISL54064 are offered in a small form factor
package, alleviating board space limitations. It is available in a
tiny 10 Ld 1.8 x 1.4mm µTQFN or 10 Ld 3mmx3mm TDFN
package.
The ISL54063 is a committed dual single-pole/single-throw
(SPST) that consist of two normally open (NO) switches with
independent logic control. The ISL54064 is a committed dual
single-pole/single-throw (SPST) that consist of two normally
closed (NC) switches with independent logic control.

Features
• Pb-free (RoHS Compliant)
• Negative Signal Swing (Max 6.5V below V+)
• Audio Click and Pop Elimination Circuitry
• ON-Resistance (rON)
- V+ = +4.5V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.55Ω
- V+ = +4.3V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.57Ω
- V+ = +2.7V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.82Ω
- V+ = +1.8V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.8Ω
• rON Matching Between Channels . . . . . . . . . . . . . . . . .10mΩ
• rON Flatness Across Signal Range . . . . . . . . . . . . . . . .0.35Ω
• Low THD+N @ 32Ω Load . . . . . . . . . . . . . . . . . . . . . . 0.02%
• Single Supply Operation. . . . . . . . . . . . . . . . . +1.8V to +6.5V
• Low Power Consumption @ 3V (PD) . . . . . . . . . . . 24nW
• Fast Switching Action (V+ = +4.3V)
- tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43ns
- tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23ns
• ESD HBM Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >6kV
• Guaranteed Break-before-Make
• 1.8V Logic Compatible (+3V supply)
• Low I+ Current when VINH is not at the V+ Rail
• Available in 10 Ld µTQFN 1.8x1.4mm and 10 Ld 3x3mm
TDFN

Applications
• Audio and Video Switching
• Battery powered, Handheld, and Portable Equipment
- MP3 and Multimedia Players
- Cellular/mobile Phones
- Pagers
- Laptops, Notebooks, Palmtops
• Portable Test and Measurement
• Medical Equipment




Similar Part No. - ISL54063IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54063IRTZ INTERSIL-ISL54063IRTZ Datasheet
409Kb / 15P
Negative Signal Swing, Sub-ohm, Dual SPST
November 3, 2009
ISL54063IRTZ INTERSIL-ISL54063IRTZ Datasheet
396Kb / 15P
1.8V to 6.5V, Sub-ohm, Dual SPST
February 25, 2009
logo
Renesas Technology Corp
ISL54063IRTZ RENESAS-ISL54063IRTZ Datasheet
752Kb / 15P
Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
logo
Intersil Corporation
ISL54063IRTZ-T INTERSIL-ISL54063IRTZ-T Datasheet
409Kb / 15P
Negative Signal Swing, Sub-ohm, Dual SPST
November 3, 2009
ISL54063IRTZ-T INTERSIL-ISL54063IRTZ-T Datasheet
396Kb / 15P
1.8V to 6.5V, Sub-ohm, Dual SPST
February 25, 2009
More results


Similar Description - ISL54063IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54062 INTERSIL-ISL54062 Datasheet
738Kb / 16P
1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability and Click and Pop Elimination
February 25, 2009
ISL54065 INTERSIL-ISL54065_09 Datasheet
713Kb / 15P
1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
April 3, 2009
ISL54060_0911 INTERSIL-ISL54060_0911 Datasheet
399Kb / 15P
Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
November 3, 2009
ISL54062IRTZ INTERSIL-ISL54062IRTZ Datasheet
754Kb / 16P
Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
November 3, 2009
ISL54065IRUZ-T INTERSIL-ISL54065IRUZ-T Datasheet
719Kb / 15P
Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch with Enable Pin
November 3, 2009
ISL54060IRTZ INTERSIL-ISL54060IRTZ Datasheet
402Kb / 15P
Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Swit
November 3, 2009
logo
Renesas Technology Corp
ISL54060 RENESAS-ISL54060 Datasheet
744Kb / 15P
Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
ISL54062 RENESAS-ISL54062 Datasheet
1Mb / 16P
Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
ISL54063 RENESAS-ISL54063 Datasheet
752Kb / 15P
Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
ISL54065 RENESAS-ISL54065 Datasheet
983Kb / 15P
Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch with Enable Pin
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com