Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54100 Datasheet (PDF) - Intersil Corporation

ISL54100 Datasheet PDF - Intersil Corporation
Part # ISL54100
Download  ISL54100 Download
File Size   1325.84 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description TMDS Regenerators with Multiplexers

ISL54100 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL54100 Datasheet PDF - Intersil Corporation

Part # ISL54100
Download  ISL54100 Click to download

File Size   1325.84 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description TMDS Regenerators with Multiplexers

ISL54100 Datasheet (HTML) - Intersil Corporation


ISL54100 Product details

The ISL54100, ISL54101, ISL54102 are high-performance
TMDS (Transition Minimized Differential Signaling) timing
regenerators and multiplexers. The receiver contains a
programmable equalizer and a clock data recovery (CDR)
function for each of the 3 TMDS pairs in an HDMI or DVI
signal. The TMDS data outputs of the ISL54100 are
regenerated and perfectly aligned to the regenerated
TMDS clock signal, creating an extremely clean, low-jitter
DVI/HDMI signal that can be easily decoded by any TMDS
receiver.
The ISL54100’s design and package footprint supports
many compound configurations. Two ISL54100s can create
a DualLink 4:1 mux, a 4:2 crosspoint, or an 8:1 mux.
Additional ISL54100s can create larger combinations of
these building blocks. The ISL54102 with its 2:1
multiplexing function serves applications with fewer inputs,
while the ISL54101 can be used as a cable extender, to
clean up a noisy/jittery TMDS source, or to provide a very
stable TMDS signal to a marginal DVI or HDMI receiver.
Certified HDMI 1.3a compliant by the HDMI ATC for the
following features: 12 bit Deep Color (1080i/720p
guaranteed, 1080p typical), x.v.Color™, and all HDMI1.3
audio formats and options.

Features
• ISL54100: 4:1 TMDS regenerator and multiplexer
• ISL54101: 1:1 TMDS regenerator
• ISL54102: 2:1 TMDS regenerator and multiplexer
• Clock Data Recovery and Retiming function enables use
as TMDS range extender
• Programmable pre-emphasis on output driver
• Channel activity detect based on input TMDS clock activity
• Symmetrical pinout enables high-performance DualLink,
4:2 crosspoint and 8:1 multiplexing options
• Programmable internal 50Ω, 100Ω, or high-Z termination
• External pins for channel select, activity detection
• Stand-alone or I2C software-controlled operation
• Hardware, software, or automatic channel selection
• Pb-free (RoHS compliant)

Applications
• KVM switches
• A/V receivers
• DVI/HDMI extenders
• Televisions/PC monitors/projectors




Similar Part No. - ISL54100

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54100 INTERSIL-ISL54100 Datasheet
1Mb / 21P
TMDS Regenerators with Multiplexers
June 4, 2008
logo
Renesas Technology Corp
ISL54100 RENESAS-ISL54100 Datasheet
1Mb / 21P
TMDS Regenerators with Multiplexers
logo
Intersil Corporation
ISL54100A INTERSIL-ISL54100A Datasheet
1Mb / 21P
TMDS Regenerators with Multiplexers
June 17, 2008
logo
Renesas Technology Corp
ISL54100A RENESAS-ISL54100A Datasheet
1Mb / 21P
TMDS Regenerators with Multiplexers
logo
Intersil Corporation
ISL54100A INTERSIL-ISL54100A Datasheet
1Mb / 21P
TMDS Regenerators with Multiplexers
June 17, 2008
More results


Similar Description - ISL54100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS5823 ETC1-CS5823 Datasheet
41Kb / 1P
TMDS Receiver
logo
Intersil Corporation
ISL54105 INTERSIL-ISL54105 Datasheet
1Mb / 16P
TMDS Regenerator
June 11, 2008
ISL54100 INTERSIL-ISL54100 Datasheet
1Mb / 21P
TMDS Regenerators with Multiplexers
June 4, 2008
ISL54100A INTERSIL-ISL54100A Datasheet
1Mb / 21P
TMDS Regenerators with Multiplexers
June 17, 2008
ISL54105A INTERSIL-ISL54105A Datasheet
1Mb / 16P
TMDS Regenerator
June 4, 2008
ISL54100ACQZ INTERSIL-ISL54100ACQZ Datasheet
1Mb / 21P
TMDS Regenerators with Multiplexers
June 17, 2008
ISL54105ACRZ INTERSIL-ISL54105ACRZ Datasheet
1Mb / 16P
TMDS Regenerator
June 4, 2008
logo
Renesas Technology Corp
ISL54100 RENESAS-ISL54100 Datasheet
1Mb / 21P
TMDS Regenerators with Multiplexers
ISL54100A RENESAS-ISL54100A Datasheet
1Mb / 21P
TMDS Regenerators with Multiplexers
ISL54105A RENESAS-ISL54105A Datasheet
1Mb / 16P
TMDS Regenerator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com