Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL55210IRTZ Datasheet (PDF) - Intersil Corporation

ISL55210IRTZ Datasheet PDF - Intersil Corporation
Part # ISL55210IRTZ
Download  ISL55210IRTZ Download
File Size   987.17 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier

ISL55210IRTZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL55210IRTZ Datasheet PDF - Intersil Corporation

Part # ISL55210IRTZ
Download  ISL55210IRTZ Click to download

File Size   987.17 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier

ISL55210IRTZ Datasheet (HTML) - Intersil Corporation


ISL55210IRTZ Product details

(FDA) intended for high dynamic range ADC input interface
applications. This voltage feedback FDA design includes an
independent output common mode voltage control.
Intended for very high dynamic range ADC interface
applications, at the lowest quiescent power (115mW), the
ISL55210 offers a 4.0GHz Gain Bandwidth Product with a very
low input noise of 0.85nV/√(Hz). In a balanced differential I/O
configuration, with 2VP-P output into a 200Ω load configured
for a gain of 15dB, the IM3 terms are <-100dBc through
110MHz. With a minimum operating gain of 2V/V (6dB), the
ISL55210 supports a wide range of higher gains with minimal
BW or SFDR degradation. Its ultra high differential slew rate of
5,600V/µs ensures clean large signal SFDR performance or a
fast settling step response.
The ISL55210 requires only a single 3.3V (max 4.2V) power
supply with 35mA typical quiescent current. This industry
leading low current solution can be further reduced when
needed using the optional power shutdown to <0.4mA supply
current. External feedback and gain setting resistors give
maximum flexibility and accuracy. A companion device, the
ISL55211, includes on-chip feedback and 3 possible gain
setting connections where an internally fixed gain solution is
preferred. The ISL55210 is available in a leadless, 16 Ld TQFN
package and is specified for operation over the -40ºC to +85ºC
ambient temperature range.

Features
• Gain Bandwidth Product . . . . . . . . . . . . . . . . . . . . . . . . 4.0GHz
• Input Voltage Noise . . . . . . . . . . . . . . . . . . . . . . . 0.85nV/√(Hz)
• Differential Slew Rate . . . . . . . . . . . . . . . . . . . . . . . 5,600V/µs
• 2VP-P, 2-tone IM3 (200Ω) 100MHz . . . . . . . . . . . . . . -109dBc
• Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . 3.0V to 4.2V
• Quiescent Power (3.3V Supply) . . . . . . . . . . . . . . . . . .115mW

Applications
• Low Power, High Dynamic Range ADC Interface
• Differential Mixer Output Amplifier
• SAW Filter Pre/Post Driver
• Differential Comms-DAC Output Driver




Similar Part No. - ISL55210IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55210IRTZ INTERSIL-ISL55210IRTZ Datasheet
1Mb / 18P
Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
March 2, 2011
ISL55210IRTZ INTERSIL-ISL55210IRTZ Datasheet
1Mb / 18P
Wideband, Low-Power, Ultra-High Dynamic Range
March 2, 2011
logo
Renesas Technology Corp
ISL55210IRTZ RENESAS-ISL55210IRTZ Datasheet
1Mb / 19P
Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
logo
Intersil Corporation
ISL55210IRTZ-EVALZ INTERSIL-ISL55210IRTZ-EVALZ Datasheet
1Mb / 18P
Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
March 2, 2011
ISL55210IRTZ-EVALZ INTERSIL-ISL55210IRTZ-EVALZ Datasheet
1Mb / 18P
Wideband, Low-Power, Ultra-High Dynamic Range
March 2, 2011
More results


Similar Description - ISL55210IRTZ

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1663G NEC-UPC1663G Datasheet
45Kb / 5P
ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
California Eastern Labs
UPC1663GV CEL-UPC1663GV Datasheet
188Kb / 6P
ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
Tyco Electronics
AM50-0003V4 MACOM-AM50-0003V4 Datasheet
239Kb / 5P
High Dynamic Range Low Noise Amplifier
AM50-0004V6 MACOM-AM50-0004V6 Datasheet
256Kb / 5P
High Dynamic Range Low Noise Amplifier
logo
Intersil Corporation
ISL55210 INTERSIL-ISL55210 Datasheet
1Mb / 18P
Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
March 2, 2011
ISL55210 INTERSIL-ISL55210 Datasheet
1Mb / 18P
Wideband, Low-Power, Ultra-High Dynamic Range
March 2, 2011
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
High Dynamic Range Low Noise Amplifier
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
High Dynamic Range Low Noise Amplifier
logo
Renesas Technology Corp
ISL55210 RENESAS-ISL55210 Datasheet
1Mb / 19P
Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
logo
Mini-Circuits
ZFL-272VH MINI-ZFL-272VH Datasheet
244Kb / 3P
Ultra High Dynamic Range Broadband Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com