Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL62881B Datasheet (PDF) - Intersil Corporation

ISL62881B Datasheet PDF - Intersil Corporation
Part # ISL62881B
Download  ISL62881B Download
File Size   1282.32 Kbytes
Page   35 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs

ISL62881B Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL62881B Datasheet PDF - Intersil Corporation

Part # ISL62881B
Download  ISL62881B Click to download

File Size   1282.32 Kbytes
Page   35 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs

ISL62881B Datasheet (HTML) - Intersil Corporation


ISL62881B Product details

The ISL62881 is a single-phase PWM buck regulator for
miroprocessor or graphics processor core power supply. It uses an
integrated gate driver to provide a complete solution. The PWM
modulator of ISL62881 is based on Intersil's Robust Ripple
Regulator (R3) technology™. Compared with traditional modulators,
the R3™ modulator commands variable switching frequency during
load transients, achieving faster transient response. With the same
modulator, the switching frequency is reduced at light load,
increasing the regulator efficiency.
The ISL62881 can be configured as CPU or graphics Vcore controller
and is fully compliant with IMVP-6.5™ specifications. It responds to
DPRSLPVR signals by entering/exiting diode emulation mode. It
reports the regulator output current through the IMON pin. It senses
the current by using either discrete resistor or inductor DCR
whose variation over-temperature can be thermally
compensated by a single NTC thermistor. It uses differential
remote voltage sensing to accurately regulate the processor die
voltage. The adaptive body diode conduction time reduction
function minimizes the body diode conduction loss in diode
emulation mode. User-selectable overshoot reduction function
offers an option to aggressively reduce the output capacitors as
well as the option to disable it for users concerned about
increased system thermal stress.
Maintaining all the ISL62881 functions, the ISL62881B offers
VR_TT# function for thermal throttling control. It also offers the
split LGATE function to further improve light load efficiency.

Features
• Precision Core Voltage Regulation
- 0.5% System Accuracy Over-Temperature
- Enhanced Load Line Accuracy
• Voltage Identification Input
- 7-Bit VID Input, 0V to 1.500V in 12.5mV Steps
- Supports VID Changes On-The-Fly
• Supports Multiple Current Sensing Methods
- Lossless Inductor DCR Current Sensing
- Precision Resistor Current Sensing
• Superior Noise Immunity and Transient Response
• Current Monitor
• Differential Remote Voltage Sensing
• High Efficiency Across Entire Load Range
• Integrated Gate Driver
• Split LGATE Driver to Increase Light-Load Efficiency (for
ISL62881B)
• Adaptive Body Diode Conduction Time Reduction
• User-selectable Overshoot Reduction Function
• Capable of Disabling the Droop Function
• Audio-filtering for GPU Application
• Small Footprint 28 Ld 4x4 TQFN Package
• Pb-Free (RoHS Compliant)

Applications
• Notebook Computers




Similar Part No. - ISL62881B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62881B INTERSIL-ISL62881B Datasheet
1Mb / 35P
Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
October 26, 2009
ISL62881B INTERSIL-ISL62881B Datasheet
823Kb / 35P
Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
February 25, 2010
ISL62881BHRTZ INTERSIL-ISL62881BHRTZ Datasheet
1Mb / 35P
Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
October 26, 2009
ISL62881BHRTZ INTERSIL-ISL62881BHRTZ Datasheet
823Kb / 35P
Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
February 25, 2010
logo
Renesas Technology Corp
ISL62881BHRTZ RENESAS-ISL62881BHRTZ Datasheet
1Mb / 35P
Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
More results


Similar Description - ISL62881B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62881 INTERSIL-ISL62881 Datasheet
1Mb / 35P
Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
October 26, 2009
ISL62881 INTERSIL-ISL62881_10 Datasheet
823Kb / 35P
Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
February 25, 2010
ISL62883 INTERSIL-ISL62883 Datasheet
1Mb / 39P
Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
February 25, 2010
ISL62881C INTERSIL-ISL62881C Datasheet
1Mb / 37P
Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62882CHRTZ INTERSIL-ISL62882CHRTZ Datasheet
96Kb / 3P
Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62881CHRTZ INTERSIL-ISL62881CHRTZ Datasheet
1Mb / 37P
Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
March 8, 2010
logo
Renesas Technology Corp
ISL62881 RENESAS-ISL62881 Datasheet
1Mb / 35P
Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62881C RENESAS-ISL62881C Datasheet
1Mb / 37P
Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62882 RENESAS-ISL62882 Datasheet
1Mb / 41P
Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62883C RENESAS-ISL62883C Datasheet
142Kb / 1P
Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
Sep 1, 2022
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com