Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78420 Datasheet (PDF) - Intersil Corporation

ISL78420 Datasheet PDF - Intersil Corporation
Part # ISL78420
Download  ISL78420 Download
File Size   608.97 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time

ISL78420 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL78420 Datasheet PDF - Intersil Corporation

Part # ISL78420
Download  ISL78420 Click to download

File Size   608.97 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time

ISL78420 Datasheet (HTML) - Intersil Corporation


ISL78420 Product details

The ISL78420 is a 100V, 2A high frequency half-bridge NMOS
FET driver with a tri-level PWM input. With an operating supply
voltage range of 8V to 14V, it supports a 114V bootstrap bias for
driving the high-side NMOS in 100V half-bridge applications. This
part is a derivative of the industrial family of HIP2120-HIP2123
100V half-bridge drivers.
This driver is designed to work in conjunction with the ISL78220
and ISL78225 “Multi-Phase Interleaved Boost PWM Controller
with Light Load Efficiency Enhancement”. It can also be used in
applications where a standard half-bridge driver is needed.
This driver has a programmable dead-time to ensure
break-before-make operation between the high-side and low-side
MOSFET. A resistor is used to set the dead-time from 35ns to
220ns.
The PWM pin’s tri-level input allows control of the high-side and
low-side drivers with a single pin. When the PWM input is at logic
high, the high-side bridge FET is turned on and the low-side FET is
off. When the input is at logic low, the low-side bridge FET is
turned on and the high-side FET is turned off. When the input
voltage is in mid-level state, both the high and low-side bridge
FETs are turned off. The enable pin (EN), when low, also turns
both bridge FETs off. This EN input can be used when the
controller driving the ISL78420 does not utilize a tri-level output.
Both PWM and EN logic inputs are VDD tolerant.
The ISL78420 is offered in a 14 Ld HTSSOP package and
complies with 100V conductor spacing per IPC-2221. The device
is Automotive AEC-Q100 qualified for the temperature range of
-40°C to +125°C.

Features
• 114VDC bootstrap supply maximum voltage
• 2A source and sink driver for 100V half-bridge NMOS FETs
• Programmable dead-time prevents shoot-through; adjustable
from 35ns to 220ns with a single resistor
• Unique tri-level PWM input logic enables phase shedding when
using multiphase PWM controllers (e.g. ISL78220/225)
• On-chip 1Ω (dynamic) bootstrap diode
• 10ns rise and fall times with 1000pF load
• 8V to 14V operating voltage range
• Supply undervoltage lockout (UVLO)
• 14 Ld HTSSOP package compliant with 100V conductor
spacing guidelines per IPC-2221
• AEC-Q100 qualified

Applications
• Automotive applications
• Multiphase boost (ISL78220/225)
• Half-bridge DC/DC converter
• Class-D amplifiers




Similar Part No. - ISL78420

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78420 INTERSIL-ISL78420 Datasheet
373Kb / 16P
100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
September 24, 2012
logo
Renesas Technology Corp
ISL78420 RENESAS-ISL78420 Datasheet
951Kb / 19P
100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
logo
Intersil Corporation
ISL78420ARTAZ INTERSIL-ISL78420ARTAZ Datasheet
373Kb / 16P
100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
September 24, 2012
ISL78420ARTAZ INTERSIL-ISL78420ARTAZ Datasheet
374Kb / 16P
100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
January 24, 2014
logo
Renesas Technology Corp
ISL78420ARTAZ RENESAS-ISL78420ARTAZ Datasheet
951Kb / 19P
100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
More results


Similar Description - ISL78420

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5105 NSC-LM5105 Datasheet
743Kb / 12P
100V Half Bridge Gate Driver with Programmable Dead-time
logo
Intersil Corporation
HIP2120 INTERSIL-HIP2120 Datasheet
418Kb / 16P
100V, 2A Peak, High Frequency Half-Bridge Drivers with Adjustable Dead Time Control and PWM Input
December 23, 2011
ISL78420 INTERSIL-ISL78420 Datasheet
373Kb / 16P
100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
September 24, 2012
ISL78420ARTBZ-T INTERSIL-ISL78420ARTBZ-T Datasheet
374Kb / 16P
100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
January 24, 2014
logo
Texas Instruments
LM5105 TI1-LM5105_16 Datasheet
1,004Kb / 23P
100V Half Bridge Gate Driver With Programmable Dead-Time
logo
Renesas Technology Corp
HIP2120 RENESAS-HIP2120 Datasheet
712Kb / 16P
100V, 2A Peak, High Frequency Half-Bridge Drivers with Adjustable Dead Time Control and PWM Input
ISL78420 RENESAS-ISL78420 Datasheet
951Kb / 19P
100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
ISL78424 RENESAS-ISL78424 Datasheet
1Mb / 34P
100V Boot, 4A Peak, Half-Bridge Driver with Single PWM Input and Adaptive Dead Time Control
logo
Analog Devices
LTC7060 AD-LTC7060 Datasheet
2Mb / 18P
100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
04/20-REV.A
logo
Renesas Technology Corp
HIP2210 RENESAS-HIP2210 Datasheet
603Kb / 28P
100V, 3A Source, 4A Sink, High Frequency Half-Bridge Drivers with HI/LI or Tri-Level PWM Input and Adjustable Dead Time
Jun.23.20
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com