Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX93002 Datasheet (PDF) - Macronix International

MX93002 Datasheet PDF - Macronix International
Part # MX93002
Download  MX93002 Download
File Size   373.81 Kbytes
Page   35 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description PCM CODEC

MX93002 Datasheet (PDF)

Go To PDF Page Download Datasheet
MX93002 Datasheet PDF - Macronix International

Part # MX93002
Download  MX93002 Click to download

File Size   373.81 Kbytes
Page   35 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description PCM CODEC

MX93002 Datasheet (HTML) - Macronix International


MX93002 Product details

PRODUCT OVERVIEW
The MX93002 PCM CODEC integrates key functions of the analog-front-end of DAM (with Digital Speakerphone) related products into an integrated circuit. The MX93002 PCM CODEC is especially powerful when applied to some DAM models which are intended to meet different countries specifications in the same system hardware. User can achieve this goal by simply setting control firmware. This benefit will help DAM system makers to save developing time and R&D resources.

FEATURES
• Built-in two single +5V power supply PCM CODECs
• Support Digital Speakerphone application
• Support automatic power-down function
• Support 2.048 or 1.536 MHz master clock for 8KHz Frame Sync.
• Support £ g/A law and 16-bit format linear data
• Support switch paths for DAM (digital answering machine) related applications
• Support two comparators for power-low and battery- low detection
• Support external L.P.F. for D/A output path
• Support external volume control
• On-chip differential line driver
• On-chip ALC (automatic level control)
• On-chip digital volume control
• On-chip differential 8W power amplifier
• On-chip programmable receive/transmit gain control
• Easy interface to general purpose DSP
• Easy Read/Write of control registers by MCU
• Easy interface to FAX or Cordless Phone
• 44-pin PQFP/PLCC package




Similar Part No. - MX93002

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX93000 MCNIX-MX93000 Datasheet
180Kb / 24P
Special Codec
MX93000KC MCNIX-MX93000KC Datasheet
180Kb / 24P
Special Codec
More results


Similar Description - MX93002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC1106 TI-TLV320AIC1106 Datasheet
220Kb / 17P
PCM CODEC
TLV320AIC1107 TI-TLV320AIC1107 Datasheet
220Kb / 17P
PCM CODEC
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
PCM CODEC
TLV320AIC1110 TI-TLV320AIC1110 Datasheet
508Kb / 39P
PCM CODEC
TLV320AIC1103 TI-TLV320AIC1103 Datasheet
411Kb / 31P
PCM CODEC
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
PCM CODEC
TLV320AIC1103PBSR TI1-TLV320AIC1103PBSR Datasheet
917Kb / 33P
PCM CODEC
TLV320AIC1106 TI1-TLV320AIC1106_14 Datasheet
550Kb / 20P
PCM CODEC
TLV320AIC1110 TI1-TLV320AIC1110_14 Datasheet
1,016Kb / 41P
PCM CODEC
TLV320AIC1106 TI-TLV320AIC1106_15 Datasheet
537Kb / 19P
PCM CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com