Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL89400ABZ Datasheet (PDF) - Intersil Corporation

ISL89400ABZ Datasheet PDF - Intersil Corporation
Part # ISL89400ABZ
Download  ISL89400ABZ Download
File Size   250.86 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 100V, 1.25A Peak, High Frequency Half-Bridge Drivers

ISL89400ABZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL89400ABZ Datasheet PDF - Intersil Corporation

Part # ISL89400ABZ
Download  ISL89400ABZ Click to download

File Size   250.86 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 100V, 1.25A Peak, High Frequency Half-Bridge Drivers

ISL89400ABZ Datasheet (HTML) - Intersil Corporation


ISL89400ABZ Product details

The ISL89400, ISL89401 are 100V, high frequency,
half-bridge N-Channel power MOSFET driver ICs. They are
based on the popular HIP2100, HIP2101 half-bridge drivers,
but offer several performance improvements. The ISL89400
has additional input hysteresis for superior operation in noisy
environments and the inputs of the ISL89401 (like those of
the ISL89400) can now safely swing to the VDD supply rail.
Finally, both parts are available in a very compact 9 Ld DFN
package and an 8 Ld SOIC to minimize the required PCB
footprint.

Features
• Drives N-Channel MOSFET Half-Bridge
• Space Saving DFN Package
• DFN Package Compliant with 100V Conductor Spacing
Guidelines per IPC-2221
• Pb-Free (RoHS Compliant)
• Bootstrap Supply Max Voltage to 114VDC
• On-Chip 1Ω Bootstrap Diode
• Fast Propagation Times for Multi-MHz Circuits
• Drives 1nF Load with Typical Rise/Fall Times of 16ns
• CMOS Compatible Input Thresholds (ISL89400)
• 3.3V/TTL Compatible Input Thresholds (ISL89401)
• Independent Inputs Provide Flexibility
• No Start-up Problems
• Outputs Unaffected by Supply Glitches, HS Ringing Below
Ground or HS Slewing at High dV/dt
• Low Power Consumption
• Wide Supply Voltage Range (9V to 14V)
• Supply Undervoltage Protection
• 4.0Ω Typical Output Pull-up/Pull-down Resistance

Applications
• Telecom Half-Bridge Converters
• Telecom Full-Bridge Converters
• Two-Switch Forward Converters
• Active-Clamp Forward Converters
• Class-D Audio Amplifiers




Similar Part No. - ISL89400ABZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL89400ABZ INTERSIL-ISL89400ABZ Datasheet
249Kb / 11P
100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL89400ABZ RENESAS-ISL89400ABZ Datasheet
614Kb / 12P
100V, 1.25A Peak, High Frequency Half-Bridge Drivers
More results


Similar Description - ISL89400ABZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL2100A INTERSIL-ISL2100A Datasheet
258Kb / 11P
100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
ISL89400 INTERSIL-ISL89400 Datasheet
249Kb / 11P
100V, 1.25A Peak, High Frequency Half-Bridge Drivers
ISL2110 INTERSIL-ISL2110 Datasheet
307Kb / 13P
100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
305Kb / 13P
100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
logo
Renesas Technology Corp
HIP2122 RENESAS-HIP2122 Datasheet
717Kb / 16P
100V, 2A Peak, High Frequency Half-Bridge Drivers with Rising Edge Delay Timer
ISL2100A RENESAS-ISL2100A Datasheet
559Kb / 11P
100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL2110 RENESAS-ISL2110 Datasheet
768Kb / 15P
100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
ISL89400 RENESAS-ISL89400 Datasheet
614Kb / 12P
100V, 1.25A Peak, High Frequency Half-Bridge Drivers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com