Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL95908 Datasheet (PDF) - Intersil Corporation

ISL95908 Datasheet PDF - Intersil Corporation
Part # ISL95908
Download  ISL95908 Download
File Size   128.81 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Integrated Power Management IC For IMVP8™ Platforms

ISL95908 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL95908 Datasheet PDF - Intersil Corporation

Part # ISL95908
Download  ISL95908 Click to download

File Size   128.81 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Integrated Power Management IC For IMVP8™ Platforms

ISL95908 Datasheet (HTML) - Intersil Corporation


ISL95908 Product details

The ISL95908 is a Power Management Integrated Circuit
(PMIC) for ultrabook, notebook and tablet computers powered
by 2-cell Li-ion batteries. It integrates control, MOSFET drivers,
power MOSFETs, fault protection and fault monitoring
functions for 8 highly efficient synchronous buck regulators
and VTT LDO. It is offered in a thermally efficient
5.5mmx5.5mm, 121-bump, 0.5mm pitch WLCSP package.
The PMIC regulators convert system voltage from the battery
or adapter into all platform voltages needed for a typical
computer system including 5V and 3.3V system regulators,
1.8V/2.5V, 1V, 0.975V, 0.9V for controller-hub, peripheral and
core voltages as well as programmable VDDQ and VTT
regulators for DDR3/3U/3L, LPDDR3 and DDR4 voltages. The
switching regulators operate at 1MHz and are based on
Intersil’s proprietary R4™ Technology, which provides high
light-load efficiency, fast transient response, seamless
DCM/CCM transitions and requires no external compensation.
The PMIC provides overcurrent, overvoltage and
over-temperature fault protections and undervoltage and
over-temperature warnings. A temperature alert signal
indicates the PMIC is operating at an elevated temperature
and ALERT indicates if any other fault or warning has occurred.
The PMIC also offers significant I2C capability and can be
configured to provide 8 GPIO pins for additional system
functionality and each regulator has an independent
power-good indicator.

Features
• Highly integrated power management IC
• Efficient 1MHz integrated FET switching regulators
• Internal compensation, no external compensation
• Computer system platform voltage regulators 5V, 3.3V,
1.8V/2.5V, 1V, 0.975V, 0.9V
• Programmable VR3 and VTT regulators for memory
(DDR3/L/U, LPDDR3 and DDR4)
• Extensive fault protection
- Overcurrent protection
- Over-temperature protection
- Overvoltage and undervoltage protection
- Temperature alert signal
• Independent power-good indicator for each regulator
• Independent enable signals for each regulator for maximum
sequencing flexibility
• Low power consumption mode for connected standby
• I2C bus allows system fault monitoring, enable control and
configurable GPIO programming
• Output voltage offset programming through I2C
• Configuration pin provides additional system programming
options

Applications
• Ultrabook, notebook and tablet computers




Similar Part No. - ISL95908

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95901 INTERSIL-ISL95901 Datasheet
1Mb / 24P
Wide VIN Dual Integrated Buck Regulator With 4A/4A Continuous Output Current and LDOs
logo
Renesas Technology Corp
ISL95901 RENESAS-ISL95901 Datasheet
1Mb / 24P
Wide VIN Dual Integrated Buck Regulator With 4A/4A Continuous Output Current and LDOs
logo
Intersil Corporation
ISL95901EVAL1Z INTERSIL-ISL95901EVAL1Z Datasheet
1Mb / 24P
Wide VIN Dual Integrated Buck Regulator With 4A/4A Continuous Output Current and LDOs
logo
Renesas Technology Corp
ISL95901EVAL1Z RENESAS-ISL95901EVAL1Z Datasheet
1Mb / 24P
Wide VIN Dual Integrated Buck Regulator With 4A/4A Continuous Output Current and LDOs
logo
Intersil Corporation
ISL95901IRZ INTERSIL-ISL95901IRZ Datasheet
1Mb / 24P
Wide VIN Dual Integrated Buck Regulator With 4A/4A Continuous Output Current and LDOs
More results


Similar Description - ISL95908

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT73C203 ATMEL-AT73C203 Datasheet
48Kb / 3P
Power Management IC for Datacom Platforms
logo
Active-Semi, Inc
ACT5830 ACTIVE-SEMI-ACT5830 Datasheet
74Kb / 2P
Twelve Channel Integrated Power Management IC for Mobile Handsets
21-Nov-07
logo
Richtek Technology Corp...
RT9991 RICHTEK-RT9991 Datasheet
251Kb / 14P
Power Management IC for SSD
logo
Intersil Corporation
ISL95852 INTERSIL-ISL95852 Datasheet
109Kb / 2P
Integrated Power Management IC For IMVP8™ Platforms
September 10, 2015
ISL95906 INTERSIL-ISL95906 Datasheet
126Kb / 2P
Integrated Power Management IC for VR12.6??Platform
December 24, 2014
logo
Dialog Semiconductor
DA6021 DIALOG-DA6021 Datasheet
361Kb / 2P
DA6021 Highly integrated power management IC for new
logo
Renesas Technology Corp
ISL95852 RENESAS-ISL95852 Datasheet
189Kb / 2P
Integrated Power Management IC for IMVP8??Platforms
ISL95906 RENESAS-ISL95906 Datasheet
193Kb / 2P
Integrated Power Management IC for VR12.6??Platforms
logo
STMicroelectronics
STPMIC1 STMICROELECTRONICS-STPMIC1 Datasheet
8Mb / 140P
Highly integrated power management IC for micro processor units
Rev 7 - December 2020
logo
Renesas Technology Corp
DA6021 RENESAS-DA6021 Datasheet
4Mb / 225P
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
31-Jan-14
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com