Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL2006 Datasheet (PDF) - Intersil Corporation

ZL2006 Datasheet PDF - Intersil Corporation
Part # ZL2006
Download  ZL2006 Download
File Size   776.15 Kbytes
Page   45 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Adaptive Digital DC-DC Controller with Drivers and Current Sharing

ZL2006 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZL2006 Datasheet PDF - Intersil Corporation

Part # ZL2006
Download  ZL2006 Click to download

File Size   776.15 Kbytes
Page   45 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Adaptive Digital DC-DC Controller with Drivers and Current Sharing

ZL2006 Datasheet (HTML) - Intersil Corporation


ZL2006 Product details

Description
The ZL2006 is a digital DC-DC controller with
integrated MOSFET drivers. Current sharing allows
multiple devices to be connected in parallel to source
loads with very high current demands. Adaptive
performance optimization algorithms improve power
conversion efficiency across the entire load range.
Zilker Labs Digital-DC™ technology enables a blend
of power conversion performance and power
management features.
The ZL2006 is designed to be a flexible building block
for DC power and can be easily adapted to designs
ranging from a single-phase power supply operating
from a 3.3 V input to a multi-phase supply operating
from a 12 V input. The ZL2006 eliminates the need for
complicated power supply managers as well as
numerous external discrete components.
All operating features can be configured by simple pinstrap/resistor selection or through the SMBus™ serial
interface. The ZL2006 uses the PMBus™ protocol for
communication with a host controller and the DigitalDC bus for communication between other Zilker Labs
devices.

Features
Power Conversion
ƒ Efficient synchronous buck controller
ƒ Adaptive light load efficiency optimization
ƒ 3 V to 14 V input range
ƒ 0.54 V to 5.5 V output range (with margin)
ƒ ±1% output voltage accuracy
ƒ Internal 3 A MOSFET drivers
ƒ Fast load transient response
ƒ Current sharing and phase interleaving
ƒ Snapshot™ parameter capture
ƒ RoHS compliant (6 x 6 mm) QFN package
Power Management
ƒ Digital soft start / stop
ƒ Precision delay and ramp-up
ƒ Power good / enable
ƒ Voltage tracking, sequencing, and margining
ƒ Voltage / current / temperature monitoring
ƒ I2C/SMBus interface, PMBus compatible
ƒ Output voltage and current protection
ƒ Internal non-volatile memory (NVM)

Applications
ƒ Servers / storage equipment
ƒ Telecom / datacom equipment
ƒ Power supplies (memory, DSP, ASIC, FPGA)




Similar Part No. - ZL2006

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL2006 INTERSIL-ZL2006 Datasheet
959Kb / 45P
Adaptive Digital DC-DC Controller with Drivers and Current Sharing
February 18, 2009
logo
Renesas Technology Corp
ZL2006 RENESAS-ZL2006 Datasheet
1Mb / 45P
Adaptive Digital DC-DC Controller with Drivers and Current Sharing
logo
Intersil Corporation
ZL2006ALNFT INTERSIL-ZL2006ALNFT Datasheet
959Kb / 45P
Adaptive Digital DC-DC Controller with Drivers and Current Sharing
February 18, 2009
ZL2006ALNFT1 INTERSIL-ZL2006ALNFT1 Datasheet
959Kb / 45P
Adaptive Digital DC-DC Controller with Drivers and Current Sharing
February 18, 2009
More results


Similar Description - ZL2006

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FD2004 FAIRCHILD-FD2004 Datasheet
745Kb / 2P
Adaptive Digital DC-DC Controller with Current Sharing
logo
Intersil Corporation
ZL2004 INTERSIL-ZL2004 Datasheet
614Kb / 42P
Adaptive Digital DC-DC Controller with Current Sharing
February 18, 2009
ZL2006 INTERSIL-ZL2006 Datasheet
959Kb / 45P
Adaptive Digital DC-DC Controller with Drivers and Current Sharing
February 18, 2009
ZL6100 INTERSIL-ZL6100 Datasheet
540Kb / 33P
Adaptive Digital DC/DC Controller with Drivers and Current Sharing
September 8, 2009
ZL2004ALNN-01 INTERSIL-ZL2004ALNN-01 Datasheet
229Kb / 7P
Adaptive Digital DC/DC Controller with Current Sharing
May 23, 2011
ZL6100ALAF INTERSIL-ZL6100ALAF Datasheet
803Kb / 34P
Adaptive Digital DC/DC Controller with Drivers and Current Sharing
August 29, 2012
logo
Renesas Technology Corp
ZL2004 RENESAS-ZL2004 Datasheet
1Mb / 42P
Adaptive Digital DC-DC Controller with Current Sharing
ZL2004-01 RENESAS-ZL2004-01 Datasheet
409Kb / 8P
Adaptive Digital DC/DC Controller with Current Sharing
ZL2006 RENESAS-ZL2006 Datasheet
1Mb / 45P
Adaptive Digital DC-DC Controller with Drivers and Current Sharing
ZL6100 RENESAS-ZL6100 Datasheet
1Mb / 34P
Adaptive Digital DC/DC Controller with Drivers and Current Sharing
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com