Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7126CPLZ Datasheet (PDF) - Intersil Corporation

ICL7126CPLZ Datasheet PDF - Intersil Corporation
Part # ICL7126CPLZ
Download  ICL7126CPLZ Download
File Size   469.95 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3 1/2 Digit, Low Power, Single Chip A/D Converter

ICL7126CPLZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL7126CPLZ Datasheet PDF - Intersil Corporation

Part # ICL7126CPLZ
Download  ICL7126CPLZ Click to download

File Size   469.95 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3 1/2 Digit, Low Power, Single Chip A/D Converter

ICL7126CPLZ Datasheet (HTML) - Intersil Corporation


ICL7126CPLZ Product details

The ICL7126 is a high performance, very low power
31/2-digit, A/D converter. All the necessary active devices
are contained on a single CMOS IC, including seven
segment decoders, display drivers, reference, and clock. The
ICL7126 is designed to interface with a liquid crystal display
(LCD) and includes a backplane drive. The supply current of
100µA is ideally suited for 9V battery operation.
The ICL7126 brings together an unprecedented combination
of high accuracy, versatility, and true economy. It features
auto-zero to less than 10µV, zero drift of less than 1µV/oC,
input bias current of 10pA maximum, and rollover error of
less than one count. The versatility of true differential input
and reference is useful in all systems, but gives the designer
an uncommon advantage when measuring load cells, strain
gauges and other bridge-type transducers. And finally the
true economy of single power operation allows a high
performance panel meter or multi-meter to be built with the
addition of only 10 passive components and a display.
The ICL7126 can be used as a plug-in replacement for the
ICL7106 in a wide variety of applications, changing only the
passive components.

Features
• 8,000 Hours Typical 9V Battery Life
• Guaranteed Zero Reading for 0V Input on All Scales
• True Polarity at Zero for Precise Null Detection
• 1pA Typical Input Current
• True Differential Input and Reference
• Direct LCD Display Drive - No External Components
Required
• Pin Compatible With the ICL7106
• Low Noise - Less Than 15µVP-P
• On-Chip Clock and Reference
• Low Power Dissipation Guaranteed Less Than 1mW
• No Additional Active Circuits Required
• Pb-Free Available (RoHS Compliant)




Similar Part No. - ICL7126CPLZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7126CPLZ INTERSIL-ICL7126CPLZ Datasheet
468Kb / 15P
3 1/2 Digit, Low Power, Single Chip A/D Converter
October 25, 2004
logo
Renesas Technology Corp
ICL7126CPLZ RENESAS-ICL7126CPLZ Datasheet
790Kb / 15P
3 1/2 Digit, Low Power, Single Chip A/D Converter
More results


Similar Description - ICL7126CPLZ

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU9201B NJRC-NJU9201B Datasheet
178Kb / 4P
3.1/2 DIGIT SINGLE CHIP A/D CONVERTER
NJU9252 NJRC-NJU9252 Datasheet
237Kb / 6P
2-DIGIT SINGLE CHIP A/D CONVERTER
logo
Analog Microelectronics
AME7106 AME-AME7106 Datasheet
1Mb / 20P
3-1/2 Digit A/D Converter High Accuracy, Low Power
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
3 1/2 Digit A/D Converter Set
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
3 1/2 DIGIT A/D CONVERTER W/LCD
logo
Intersil Corporation
ICL7126 INTERSIL-ICL7126 Datasheet
468Kb / 15P
3 1/2 Digit, Low Power, Single Chip A/D Converter
October 25, 2004
logo
Motorola, Inc
MC14433 MOTOROLA-MC14433 Datasheet
450Kb / 12P
CMOS LSI (LOW-POWER COMPLEMENTARY MOS) 3 1/2 DIGIT A/D CONVERTER
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
3 1/2 DIGIT A/D CONVERTER W/LCD
ES5136 CYRUSTEK-ES5136 Datasheet
692Kb / 22P
3 1/2 DIGIT A/D CONVERTER W/LCD(Low power)
logo
Renesas Technology Corp
ICL7126 RENESAS-ICL7126 Datasheet
790Kb / 15P
3 1/2 Digit, Low Power, Single Chip A/D Converter
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com