Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9075B Datasheet (PDF) - Gennum Corporation

GS9075B Datasheet PDF - Gennum Corporation
Part # GS9075B
Download  GS9075B Download
File Size   1069.82 Kbytes
Page   28 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description Lock Detect Output

GS9075B Datasheet (PDF)

Go To PDF Page Download Datasheet
GS9075B Datasheet PDF - Gennum Corporation

Part # GS9075B
Download  GS9075B Click to download

File Size   1069.82 Kbytes
Page   28 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description Lock Detect Output

GS9075B Datasheet (HTML) - Gennum Corporation


GS9075B Product details

Description
The GS1575B/9075B is a Multi-Rate Serial Digital Reclocker designed to automatically recover the embedded clock from a digital video signal and re-time the incoming video data.
The GS1575B Serial Digital Reclocker will recover the embedded clock signal and re-time the data from a SMPTE 292M, SMPTE 259M or SMPTE 344M compliant digital video signal.

Features
GS1575B
• SMPTE 292M, 259M and 344M compliant
• Supports data rates of 143, 177, 270, 360, 540, 1483.5, 1485 Mb/s
• Supports DVB-ASI at 270Mb/s
• Pb-free and RoHS Compliant
• Auto and Manual Modes for rate selection
• Standards indication in Auto Mode
• 4:1 input multiplexer
• Loss of Signal (LOS) Output
• Lock Detect Output
• On-chip Input and Output Termination
• Differential 50Ω inputs and outputs
• Mute, Bypass and Autobypass functions
• SD/HD indication output to control GS1528A Dual Slew-Rate Cable Driver
• Single 3.3V power supply
• Operating temperature range: 0°C to 70°C

GS9075B
• SMPTE 259M and 344M compliant
• Supports data rates of 143, 177, 270, 360, and 540Mb/s
• Supports DVB-ASI at 270Mb/s
• Pb-free and RoHS Compliant
• Auto and Manual Modes for rate selection
• Standards indication in Auto Mode
• 4:1 input multiplexer
• Loss of Signal (LOS) Output
• Lock Detect Output
• On-chip Input and Output Termination
• Differential 50Ω inputs and outputs
• Mute, Bypass and Autobypass functions
• Single 3.3V power supply
• Operating temperature range: 0°C to 70°C

Applications
GS1575B
• SMPTE 292M, SMPTE 259M and SMPTE 344M Serial Digital Interfaces

GS9075B
• SMPTE 259M and SMPTE 344M Serial Digital Interfaces.




Similar Part No. - GS9075B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
Multi-Rate SDI Automatic Reclocker
More results


Similar Description - GS9075B

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4961 MICRO-LINEAR-ML4961 Datasheet
206Kb / 8P
Adjustable Output Low Voltage Boost Regulator with Detect
logo
Rohm
BDEXXX0G ROHM-BDEXXX0G Datasheet
265Kb / 9P
Detect TemperatureChangeable Thermostat Output Temperature Sensor IC
logo
Intersil Corporation
ISL29101 INTERSIL-ISL29101 Datasheet
634Kb / 7P
Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
July 1, 2008
logo
Copal Electronics
CF-DA-SERIES COPAL-CF-DA-SERIES Datasheet
235Kb / 2P
Detect Switches
CF-DA COPAL-CF-DA Datasheet
235Kb / 2P
Detect Switches
CL-DA COPAL-CL-DA Datasheet
955Kb / 4P
DETECT SWITCHES
CL-DB COPAL-CL-DB Datasheet
571Kb / 4P
DETECT SWITCHES
SPB101 COPAL-SPB101 Datasheet
183Kb / 1P
Detect Switches
logo
Analog Devices
ADF4355 AD-ADF4355 Datasheet
937Kb / 36P
Analog and digital lock detect
Rev. A
logo
C&K Components
DSDETECT CK-COMPONENTS-DSDETECT Datasheet
396Kb / 4P
Detect Switch
10 Mar 22
More results




About Gennum Corporation


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com