Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7136CM44ZT Datasheet (PDF) - Intersil Corporation

ICL7136CM44ZT Datasheet PDF - Intersil Corporation
Part # ICL7136CM44ZT
Download  ICL7136CM44ZT Download
File Size   498.62 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 31/2 Digit LCD, Low Power Display, A/D Converter with Overrange Recovery

ICL7136CM44ZT Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL7136CM44ZT Datasheet PDF - Intersil Corporation

Part # ICL7136CM44ZT
Download  ICL7136CM44ZT Click to download

File Size   498.62 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 31/2 Digit LCD, Low Power Display, A/D Converter with Overrange Recovery

ICL7136CM44ZT Datasheet (HTML) - Intersil Corporation


ICL7136CM44ZT Product details

The Intersil ICL7136 is a high performance, low power 31/2
digit, A/D converter. Included are seven segment decoders,
display drivers, a reference, and a clock. The ICL7136 is
designed to interface with a liquid crystal display (LCD) and
includes a multiplexed backplane drive.
The ICL7136 brings together a combination of high
accuracy, versatility, and true economy. It features auto-zero
to less than 10µV, zero drift of less than 1µV/oC, input bias
current of 10pA (Max), and rollover error of less than one
count. True differential inputs and reference are useful in all
systems, but give the designer an uncommon advantage
when measuring load cells, strain gauges and other bridge
type transducers. Finally, the true economy of single power
supply operation, enables a high performance panel meter
to be built with the addition of only 10 passive components
and a display.
The ICL7136 is an improved version of the ICL7126,
eliminating the overrange hangover and hysteresis effects,
and should be used in its place in all applications. It can also
be used as a plug-in replacement for the ICL7106 in a wide
variety of applications, changing only the passive
components.

Features
• First Reading Overrange Recovery in One Conversion
Period
• Guaranteed Zero Reading for 0V Input on All Scales
• True Polarity at Zero for Precise Null Detection
• 1pA Typical Input Current
• True Differential Input and Reference, Direct Display Drive
- LCD ICL7136
• Low Noise - Less Than 15µVP-P
• On Chip Clock and Reference
• No Additional Active Circuits Required
• Low Power - Less Than 1mW
• Surface Mount Package Available
• Drop-In Replacement for ICL7126, No Changes Needed
• Pb-Free Plus Anneal Available (RoHS Compliant)




Similar Part No. - ICL7136CM44ZT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7136CM44ZT INTERSIL-ICL7136CM44ZT Datasheet
497Kb / 15P
3 1/2 Digit LCD/LED, Low Power Display, A/D Converters with Overrange Recovery
July 21, 2005
logo
Renesas Technology Corp
ICL7136CM44ZT RENESAS-ICL7136CM44ZT Datasheet
793Kb / 15P
31/2 Digit LCD, Low Power Display, A/D Converter with Overrange Recovery
More results


Similar Description - ICL7136CM44ZT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
3 1/2 Digit, LCD/LED Display, A/D Converter
1998 07
ICL7116 INTERSIL-ICL7116 Datasheet
140Kb / 14P
31/2 Digit, LCD/LED Display, A/D Converter with Display Hold
January 1998
ICL7136 INTERSIL-ICL7136 Datasheet
497Kb / 15P
3 1/2 Digit LCD/LED, Low Power Display, A/D Converters with Overrange Recovery
July 21, 2005
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
3 1/2 Digit, LCD/LED Display, A/D Converter
logo
Cyrustek corporation
ES5136 CYRUSTEK-ES5136 Datasheet
692Kb / 22P
3 1/2 DIGIT A/D CONVERTER W/LCD(Low power)
logo
Maxim Integrated Produc...
ICL7117RCPL MAXIM-ICL7117RCPL Datasheet
197Kb / 4P
31/2 Digit A/D Converter With Display Hold
Rev 0; 1985
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
31/2 Digit, LCD/LED Display, A/D Converters
ICL7136 RENESAS-ICL7136 Datasheet
793Kb / 15P
31/2 Digit LCD, Low Power Display, A/D Converter with Overrange Recovery
logo
Cyrustek corporation
ES5107 CYRUSTEK-ES5107 Datasheet
282Kb / 20P
31/2 DIGIT A/D CONVERTER W/LED
logo
Maxim Integrated Produc...
MAX136 MAXIM-MAX136_V01 Datasheet
1Mb / 5P
Low Power, 31?? Digit A/D Converter with Display Hold
2012
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com