Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL5857IBZ Datasheet (PDF) - Intersil Corporation

ISL5857IBZ Datasheet PDF - Intersil Corporation
Part # ISL5857IBZ
Download  ISL5857IBZ Download
File Size   752.45 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12-bit, 3.3V, 260MSPS, High Speed D/A Converter

ISL5857IBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL5857IBZ Datasheet PDF - Intersil Corporation

Part # ISL5857IBZ
Download  ISL5857IBZ Click to download

File Size   752.45 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12-bit, 3.3V, 260MSPS, High Speed D/A Converter

ISL5857IBZ Datasheet (HTML) - Intersil Corporation


ISL5857IBZ Product details

The ISL5857 is a 12-bit, 260+MSPS (Mega Samples Per
Second), CMOS, high speed, low power, D/A (digital-to-analog)
converter designed specifically for use in high performance
communication systems such as base transceiver stations
utilizing 2.5G or 3G cellular protocols.
This device complements the ISL5x57 family of high speed
converters, which include 10, 12, and 14-bit devices.

Features
• Low power. . . . . . . . 103mW with 20mA output at 130MSPS
• Adjustable full scale output current. . . . . . . . . 2mA to 20mA
• +3.3V power supply
• 3V LVCMOS compatible inputs
• Excellent spurious free dynamic range
(73dBc to Nyquist, fS = 130MSPS, fOUT = 10MHz)
• UMTS adjacent channel power = 70dB at 19.2MHz
• EDGE/GSM SFDR = 90dBc at 11MHz in 20MHz window
• Pin compatible, 3.3V, lower power replacement for the
AD9752 and HI5860
• Pb-free (RoHS compliant)

Applications
• Cellular Infrastructure - single or multicarrier: IS-136, IS-95,
GSM, EDGE, CDMA2000, WCDMA, TDS-CDMA
• BWA infrastructure
• Medical/test instrumentation
• Wireless communication systems
• High resolution imaging systems
• Arbitrary waveform generators




Similar Part No. - ISL5857IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5857IBZ INTERSIL-ISL5857IBZ Datasheet
637Kb / 13P
12-bit, 3.3V, 260MSPS, High Speed D/A Converter
November 12, 2004
logo
Renesas Technology Corp
ISL5857IBZ RENESAS-ISL5857IBZ Datasheet
1,020Kb / 14P
12-bit, 3.3V, 260MSPS, High Speed D/A Converter
More results


Similar Description - ISL5857IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5627 INTERSIL-ISL5627 Datasheet
468Kb / 12P
Dual 8-bit, 3.3V, 260MSPS, High Speed D/A Converter
May 2004
ISL5757 INTERSIL-ISL5757 Datasheet
625Kb / 13P
10-bit, 3.3V, 260MSPS, High Speed D/A Converter
November 12, 2004
ISL5827 INTERSIL-ISL5827 Datasheet
666Kb / 13P
Dual 12-bit, 3.3V, 260MSPS, High Speed D/A Converter
May 2004
ISL5857 INTERSIL-ISL5857 Datasheet
637Kb / 13P
12-bit, 3.3V, 260MSPS, High Speed D/A Converter
November 12, 2004
ISL5957 INTERSIL-ISL5957 Datasheet
630Kb / 13P
14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
November 12, 2004
ISL5727 INTERSIL-ISL5727 Datasheet
672Kb / 13P
Dual 10-bit, 3.3V, 260MSPS, High Speed D/A Converter
May 2004
ISL5957IBZ INTERSIL-ISL5957IBZ Datasheet
658Kb / 14P
14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
September 29, 2015
logo
Renesas Technology Corp
ISL5757 RENESAS-ISL5757 Datasheet
902Kb / 13P
10-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5857 RENESAS-ISL5857 Datasheet
1,020Kb / 14P
12-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5957 RENESAS-ISL5957 Datasheet
963Kb / 14P
14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com