Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN10932 Datasheet (PDF) - NXP Semiconductors

AN10932 Datasheet PDF - NXP Semiconductors
Part # AN10932_15
Download  AN10932 Download
File Size   269.14 Kbytes
Page   33 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 120 V high power factor dimmable CFL with UBA2014

AN10932 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN10932 Datasheet PDF - NXP Semiconductors

Part # AN10932_15
Download  AN10932 Click to download

File Size   269.14 Kbytes
Page   33 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 120 V high power factor dimmable CFL with UBA2014

AN10932 Datasheet (HTML) - NXP Semiconductors




Similar Part No. - AN10932_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN10937 PHILIPS-AN10937_15 Datasheet
404Kb / 13P
Dimmable LED based lamps
Rev. 1-23 May 2011
More results


Similar Description - AN10932_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30000 ONSEMI-NCL30000 Datasheet
274Kb / 23P
Power Factor Corrected Dimmable LED Driver
December, 2009 ??Rev. 0
logo
STMicroelectronics
AN4129 STMICROELECTRONICS-AN4129 Datasheet
3Mb / 39P
STEVAL-ILL044V1: 9 W Triac dimmable, high power factor
29-Oct-2012
AN2590 STMICROELECTRONICS-AN2590 Datasheet
833Kb / 17P
20 W dimmable CFL ballast solution
08-Oct-2007
logo
NXP Semiconductors
AN10803 PHILIPS-AN10803_15 Datasheet
1Mb / 30P
Triac dimmable CFL application using the UBA2028
Rev. 2-27 February 2012
AN10872 PHILIPS-AN10872_15 Datasheet
313Kb / 38P
TL application with UBA2014
Rev. 01-9 December 2010
AN10961 PHILIPS-AN10961_15 Datasheet
1Mb / 57P
Dimmable CFL using the UBA2027X family
Rev. 2-8 June 2012
UM10409 PHILIPS-UM10409 Datasheet
962Kb / 25P
120 V high power factor CFL reference board using the UBA2014T
Rev. 1-12 October 2010
logo
ON Semiconductor
NCL30000 ONSEMI-NCL30000_12 Datasheet
274Kb / 22P
Power Factor Corrected Dimmable LED Driver
September, 2012 ??Rev. 1
logo
Dialog Semiconductor
IW3616 DIALOG-IW3616 Datasheet
452Kb / 6P
AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
logo
ON Semiconductor
NCL30486 ONSEMI-NCL30486 Datasheet
290Kb / 29P
Dimmable Power Factor Corrected LED Driver
August, 2020 ??Rev. 0
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com