Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL22-CDY28 Datasheet (PDF) - P-tec Corporation

PL22-CDY28 Datasheet PDF - P-tec Corporation
Part # PL22-CDY28_14
Download  PL22-CDY28 Download
File Size   76.15 Kbytes
Page   1 Pages
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation
Description Popular 8mm Lens with flange

PL22-CDY28 Datasheet (PDF)

Go To PDF Page Download Datasheet
PL22-CDY28 Datasheet PDF - P-tec Corporation

Part # PL22-CDY28_14
Download  PL22-CDY28 Click to download

File Size   76.15 Kbytes
Page   1 Pages
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation
Description Popular 8mm Lens with flange

PL22-CDY28 Datasheet (HTML) - P-tec Corporation




Similar Part No. - PL22-CDY28_14

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL22-CDY28 P-TEC-PL22-CDY28 Datasheet
72Kb / 1P
8mm Super Bright Yellow LED
More results


Similar Description - PL22-CDY28_14

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL16B-WCR22 P-TEC-PL16B-WCR22_14 Datasheet
111Kb / 1P
Popular 5mm Lens Style with flange
PL22-CDG13 P-TEC-PL22-CDG13_14 Datasheet
75Kb / 1P
Popular 8mm Lens with flange
PL22-CDR12 P-TEC-PL22-CDR12_14 Datasheet
75Kb / 1P
Popular 8mm Lens with flange
PL24-CTG13 P-TEC-PL24-CTG13_14 Datasheet
80Kb / 1P
Popular 10mm Lens with flange
PL24-CTO12 P-TEC-PL24-CTO12_14 Datasheet
80Kb / 1P
Popular 10mm Lens with flange
PL24-CTR12 P-TEC-PL24-CTR12_14 Datasheet
81Kb / 1P
Popular 10mm Lens with flange
PL24-CTY01 P-TEC-PL24-CTY01_14 Datasheet
81Kb / 1P
Popular 10mm Lens with flange
PL24-WCA16 P-TEC-PL24-WCA16_14 Datasheet
81Kb / 1P
Popular 10mm Lens with flange
PL24-WCG13 P-TEC-PL24-WCG13_14 Datasheet
80Kb / 1P
Popular 10mm Lens with flange
PL24-WCY26 P-TEC-PL24-WCY26_14 Datasheet
81Kb / 1P
Popular 10mm Lens with flange
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com