Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TW8816 Datasheet (PDF) - Intersil Corporation

TW8816 Datasheet PDF - Intersil Corporation
Part # TW8816
Download  TW8816 Download
File Size   164.73 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description LCD Flat Panel Processor with built-in MCU, NTSC/PAL/SECAM Decoder, T-CON and Analog RGB Support

TW8816 Datasheet (PDF)

Go To PDF Page Download Datasheet
TW8816 Datasheet PDF - Intersil Corporation

Part # TW8816
Download  TW8816 Click to download

File Size   164.73 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description LCD Flat Panel Processor with built-in MCU, NTSC/PAL/SECAM Decoder, T-CON and Analog RGB Support

TW8816 Datasheet (HTML) - Intersil Corporation


TW8816 Product details

The TW8816 is a highly integrated multi-purpose LCD display solution for both analog and digital panels. To reduce BOM cost, TW8816 integrates an 8-bit MCU and a CCFL controller.
Through multiple input ports, TW8816 can directly display video and graphic content from a variety of devices including TV Tuners, DVD players, back-up cameras, DTV/DMB receivers and navigation/GPS receivers.

Features
• Supports analog inputs including CVBS, S-Video, YPbPr &
   RGB signals and digital inputs including 24 bit RGB &
   8/16/24 bit YCbCr. Interlaced and progressive ITU 601
   inputs are supported.
• Supports digital panels up to WXGA resolutions
• Integrates cost saving features including a CCFL controller,
   charge pump booster, programmable panel offset control
   and on-chip 8 bit 8051 MCU with SPI interface
• Embedded Image Enhancement
   - Programmable CTI, hue, brightness, saturation, contrast
      & sharpness control
   - Black/White Stretch
   - Programmable favorite color enhancement- up to three colors
   - Programmable Gamma Correction tables
  
Features List
Analog Video Decoder
• NTSC (M, 4.34) and PAL (B, D, G, H, I, M, N, N combination),
   PAL (60), SECAM with automatic format detection
• Advanced synchronization processing for VCR trick play signal
• Three 10-bit ADCs and analog clamping circuit.
• Built-in analog anti-aliasing filter
• Fully programmable static gain or automatic gain control
   for the Y or CVBS channel
• Programmable white peak control for the Y or CVBS channel
• Software selectable analog inputs allows any of the following
   - Up to 4 composite video
   - UP to 3 S-Video
   - Up to 2 analog YPbPr and RGB
• 4-H adaptive comb filter Y/C separation
• PAL delay line for color phase error correction
• Digital PLL for both color and horizontal locking
• Programmable hue, brightness, saturation, contrast,
   sharpness, Gamma control, and noise suppression
• Automatic color control and color killer
• Detection of level of copy protection according to Macrovision standard

Analog RGB / YPbPr input
• Built-in sync processor for SOG support
• Built-in Line-locked PLL
• Built-in input measurement function
• Support directly sampling up to SVGA(50MHz).

Digital interface
• Allows connection to 8/16/24-bit RGB/YCbCr
• Support interlaced
• ITU 656, interlaced and progressive ITU 601. (Continue...)




Similar Part No. - TW8816

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
TW8816 INTERSIL-TW8816 Datasheet
177Kb / 2P
Highly integrated LCD controller with on-chip MCU & CCFL controller
logo
Renesas Technology Corp
TW8816 RENESAS-TW8816 Datasheet
241Kb / 2P
LCD Flat Panel Processor with built-in MCU, NTSC/PAL/SECAM Decoder, T-CON and Analog RGB Support
logo
Intersil Corporation
TW8816-LA3-GRS INTERSIL-TW8816-LA3-GRS Datasheet
177Kb / 2P
Highly integrated LCD controller with on-chip MCU & CCFL controller
TW8816B3 INTERSIL-TW8816B3 Datasheet
121Kb / 2P
LCD Flat Panel Processor with Built-in MCU, NTSC/PAL/SECAM Decoder, T-CON and Analog RGB Support
January 5, 2015
logo
Renesas Technology Corp
TW8816B3 RENESAS-TW8816B3 Datasheet
203Kb / 2P
LCD Flat Panel Processor with Built-in MCU, NTSC/PAL/SECAM Decoder, T-CON and Analog RGB Support
More results


Similar Description - TW8816

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
TW8807 INTERSIL-TW8807 Datasheet
162Kb / 2P
LCD Flat Panel Controller with Built-in NTSC/PAL/SECAM Decoder and Analog T-CON
July 12, 2011
TW8816B3 INTERSIL-TW8816B3 Datasheet
121Kb / 2P
LCD Flat Panel Processor with Built-in MCU, NTSC/PAL/SECAM Decoder, T-CON and Analog RGB Support
January 5, 2015
TW8826 INTERSIL-TW8826 Datasheet
119Kb / 2P
LCD Flat Panel Processor with built-in MCU,NTSC/PAL/SECAM Decoder, T-CON and Analog RGB Support
January 5, 2015
TW8827 INTERSIL-TW8827 Datasheet
155Kb / 2P
Analog LCD Panel Processor with built-in MCU NTSC/PAL./SECAM Decoder and TCON
January 5, 2015
logo
Renesas Technology Corp
TW8806 RENESAS-TW8806 Datasheet
214Kb / 2P
LCD Flat Panel TV / PC Monitor Controller with Built-in NTSC/PAL/SECAM Decoder, Analog RGB, DAC and T-CON
TW8807 RENESAS-TW8807 Datasheet
175Kb / 2P
LCD Flat Panel Controller with Built-in NTSC/PAL/SECAM Decoder and Analog T-CON
TW8816 RENESAS-TW8816 Datasheet
241Kb / 2P
LCD Flat Panel Processor with built-in MCU, NTSC/PAL/SECAM Decoder, T-CON and Analog RGB Support
TW8816B3 RENESAS-TW8816B3 Datasheet
203Kb / 2P
LCD Flat Panel Processor with Built-in MCU, NTSC/PAL/SECAM Decoder, T-CON and Analog RGB Support
TW8826 RENESAS-TW8826 Datasheet
186Kb / 2P
LCD Flat Panel Processor with built-in MCU, NTSC/PAL/SECAM Decoder, T-CON and Analog RGB Support
TW8827 RENESAS-TW8827 Datasheet
208Kb / 2P
Analog LCD Panel Processor with built-in MCU NTSC/PAL./SECAM Decoder and TCON
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com