Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TW8823C Datasheet (PDF) - Intersil Corporation

TW8823C Datasheet PDF - Intersil Corporation
Part # TW8823C
Download  TW8823C Download
File Size   174.46 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description TFT Flat Panel Controller with Built-in 3D Video Decoder, Triple ADCs, Dual PIP and 16-bit OSD Support

TW8823C Datasheet (PDF)

Go To PDF Page Download Datasheet
TW8823C Datasheet PDF - Intersil Corporation

Part # TW8823C
Download  TW8823C Click to download

File Size   174.46 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description TFT Flat Panel Controller with Built-in 3D Video Decoder, Triple ADCs, Dual PIP and 16-bit OSD Support

TW8823C Datasheet (HTML) - Intersil Corporation


TW8823C Product details

TFT Flat Panel Controller with Built-in 3D Video Decoder, Triple ADCs, Dual PIP and 16-bit OSD Support

The TW8823C incorporates many of the features required to create a multi-purpose in-car LCD display system into a single package. It integrates a high quality 3D comb NTSC/PAL/SECAM video decoder, triple high speed RGB ADCs, high quality scaler, bit-mapped OSD, triple DACs and image enhancement functions which include Black and White Stretch, favorite color enhancement, etc. It also supports panoramic scaling for conversion to wide screen display format. On the input side, it supports a rich combination of CVBS, S-video, analog RGB as well as digital YCbCr/RGB. On the output side, it supports both digital and analog panel types with its built-in timing controller and analog RGB output. In addition, the TW8823C supports LVDS type panels.

Features
ANALOG VIDEO DECODER
• NTSC (M, 4.43) and PAL (B, D, G, H, I, M, N, N combination), PAL (60), SECAM with automatic format detection
• Two 10-bit ADCs and analog clamping circuit
• Fully programmable static gain or automatic gain control for the Y or CVBS channel
• Programmable white peak control for the Y or CVBS channel
• Software selectable analog inputs allows either composite or S-video input
• High quality motion adaptive 3D comb filter for both NTSC and PAL with concurrent 3D noise reduction
• PAL delay line for color phase error correction
• Image enhancement with 2D dynamic peaking and CTI
• Digital sub-carrier PLL for accurate color decoding
• Digital horizontal PLL and Advanced synchronization processing for VCR playback and weak signal performance.
• Programmable hue, brightness, saturation, contrast, sharpness
• High quality horizontal and vertical filtered down scaling with arbitrary scale down ratio

ANALOG RGB INPUTS
• Triple high speed 10-bit ADCs with clamping and programmable gain amplifier.
• SOG and H/V sync support for YPbPr or RGB input
• Built-in line locked PLL with sync separator
• Supports analog input resolution up to 1080i or WXGA

DUAL DIGITAL INPUTS SUPPORT
• Dual channel digital inputs support with following combination:
   - 1 channel 18/16-bit inputs and 1 channel 8-bit inputs
   - 1 channel 24-bit digital RGB/YCbCr inputs
• Supports both 656 and 601 video formats
• Allows connection to external HDMI receiver

BUILT-IN MICROCONTROLLER
• Built-in 8052 MCU up to 72MHz clock
• Built-in code cache memory to enhance CPU performance.
• Supports Single/Dual/Quad IO SPI Flash with 24-bit/32-bit addressing
• System programming through UART
• Supports SPI DMA Read/Write to OSD memory
• Supports I2C Master interface with GPIO
• Supports two UART interface up to 115200bps and 8 bytes RX FIFO
• Supports IR receiver and interrupt output
• Supports 24-bit contiguous addressing mode

(Continue ...)




Similar Part No. - TW8823C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TW8823C RENESAS-TW8823C Datasheet
147Kb / 3P
TFT Flat Panel Controller with Built-In 3D Video Decoder, Triple ADCs, Dual PIP and 16-Bit OSD Support
More results


Similar Description - TW8823C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
TW8810D INTERSIL-TW8810D Datasheet
99Kb / 2P
TFT Flat Panel Controller with Built-in 3D Video Decoder, Triple ADCs, Dual View and Dual PIP Support
January 5, 2015
TW8811D INTERSIL-TW8811D_15 Datasheet
119Kb / 2P
TFT Flat Panel Controller with built-in 3D Video Decoder, Triple ADCs, and Dual PIP Support
January 5, 2015
TW8836 INTERSIL-TW8836 Datasheet
117Kb / 2P
LCD Video Processor with Built-in Decoder, Triple ADCs, LVDS and TTL Inputs, MCU, OSD, TCON and LVDS Panel Interface
April 20, 2015
logo
Renesas Technology Corp
TW8810D RENESAS-TW8810D Datasheet
179Kb / 2P
TFT Flat Panel Controller with Built-in 3D Video Decoder, Triple ADCs, Dual View and Dual PIP Support
TW8811C RENESAS-TW8811C Datasheet
213Kb / 2P
TFT Flat Panel Controller with Built-in 3D Video Decoder, Triple ADCs and PIP Support
TW8813B RENESAS-TW8813B Datasheet
179Kb / 2P
TFT Flat Panel Controller with built-in LVDS, 3D Video Decoder, Triple ADCs and Dual PIP Support
TW8823 RENESAS-TW8823 Datasheet
266Kb / 2P
TFT Flat Panel Controller with Built-in 3D Video Decoder, Triple ADCs, Dual PIP and 16-bit OSD Support
TW8823C RENESAS-TW8823C Datasheet
147Kb / 3P
TFT Flat Panel Controller with Built-In 3D Video Decoder, Triple ADCs, Dual PIP and 16-Bit OSD Support
TW8835 RENESAS-TW8835 Datasheet
223Kb / 3P
LCD Video Processor with Built-In Decoder, MCU, OSD, TCON and Analog RGB Input Support
TW8811D RENESAS-TW8811D Datasheet
234Kb / 2P
TFT Flat Panel Controller with built-in 3D Video Decoder, Triple ADCs, and Dual PIP Support
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com