Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100S341 Datasheet (PDF) - Micrel Semiconductor

SY100S341 Datasheet PDF - Micrel Semiconductor
Part # SY100S341
Download  SY100S341 Download
File Size   113.65 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 8-BIT SHIFT REGISTER

SY100S341 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY100S341 Datasheet PDF - Micrel Semiconductor

Part # SY100S341
Download  SY100S341 Click to download

File Size   113.65 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 8-BIT SHIFT REGISTER

SY100S341 Datasheet (HTML) - Micrel Semiconductor


SY100S341 Product details

DESCRIPTION
The SY100S341 offer eight D-type, edge-triggered flipflops with both individual inputs for parallel operation as well as serial inputs for bidirectional shifting, and are designed for use in high-performance ECL systems. Data is clocked into the flip-flops on the rising edge of the clock.

FEATURES
■ Max. shift frequency of 600MHz
■ Max. Clock to Q delay of 1200ps
■ IEE min. of –150mA
■ Industry standard 100K ECL levels
■ Extended supply voltage option: VEE = –4.2V to –5.5V
■ Voltage and temperature compensation for improved noise immunity
■ Internal 75KΩ input pull-down resistors
■ 70% faster than Fairchild 300K at lower power
■ Function and pinout compatible with Fairchild F100K
■ Available in 24-pin CERPACK and 28-pin PLCC packages




Similar Part No. - SY100S341

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S341 MICREL-SY100S341 Datasheet
96Kb / 8P
8-BIT SHIFT REGISTER
SY100S341 MICREL-SY100S341 Datasheet
89Kb / 6P
8-BIT SHIFT REGISTER
SY100S341FC MICREL-SY100S341FC Datasheet
96Kb / 8P
8-BIT SHIFT REGISTER
SY100S341FCTR MICREL-SY100S341FCTR Datasheet
96Kb / 8P
8-BIT SHIFT REGISTER
SY100S341JC MICREL-SY100S341JC Datasheet
96Kb / 8P
8-BIT SHIFT REGISTER
More results


Similar Description - SY100S341

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
8-BIT SHIFT REGISTER
1996 REV 3
logo
Toshiba Semiconductor
TC7MH165FK TOSHIBA-TC7MH165FK Datasheet
292Kb / 7P
8-BIT SHIFT REGISTER
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
8-bit Shift Register
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141 Datasheet
63Kb / 4P
8-BIT SHIFT REGISTER
logo
Toshiba Semiconductor
TC74ACT164F TOSHIBA-TC74ACT164F Datasheet
281Kb / 7P
8 BIT SHIFT REGISTER
logo
List of Unclassifed Man...
GD4021B ETC1-GD4021B Datasheet
67Kb / 2P
8-BIT SHIFT REGISTER
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141_06 Datasheet
63Kb / 4P
8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74HC95 RENESAS-HD74HC95 Datasheet
90Kb / 7P
8-bit Shift Register
logo
Micrel Semiconductor
SY100S341 MICREL-SY100S341_07 Datasheet
89Kb / 6P
8-BIT SHIFT REGISTER
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
Rev 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com