Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9221AYS Datasheet (PDF) - Intersil Corporation

X9221AYS Datasheet PDF - Intersil Corporation
Part # X9221AYS
Download  X9221AYS Download
File Size   292.22 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Digitally Controlled Potentiometer

X9221AYS Datasheet (PDF)

Go To PDF Page Download Datasheet
X9221AYS Datasheet PDF - Intersil Corporation

Part # X9221AYS
Download  X9221AYS Click to download

File Size   292.22 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Digitally Controlled Potentiometer

X9221AYS Datasheet (HTML) - Intersil Corporation


X9221AYS Product details

DESCRIPTION
The X9221A integrates two digitally controlled potentiometers (XDCP) on a monolithic CMOS integrated
microcircuit.
The digitally controlled potentiometer is implemented
using 63 resistive elements in a series array. Between
each element are tap points connected to the wiper
terminal through switches. The position of the wiper on
the array is controlled by the user through the 2-wire
bus interface. Each potentiometer has associated with
it a volatile Wiper Counter Register (WCR) and 2 nonvolatile Data Registers (DR0:DR1) that can be directly
written to and read by the user. The contents of the
WCR controls the position of the wiper on the resistor
array through the switches. Power up recalls the contents of DR0 to the WCR.
The XDCP can be used as a three-terminal potentiometer or as a two-terminal variable resistor in a wide
variety of applications including control, parameter
adjustments, and signal processing.

FEATURES
• Two XDCPs in one package
• 2-wire serial interface
• Register oriented format, 8 registers total
—Directly write wiper position
—Read wiper position
—Store as many as four positions per pot
• Instruction format
—Quick transfer of register contents to resistor
array
• Direct write cell
—Endurance–100,000 writes per bit per register
• Resistor array values
—2kΩ, 10kΩ, 50kΩ
• Resolution: 64 taps each pot
• 20 Ld plastic DIP and 20 Ld SOIC packages
• Pb-free plus anneal available (RoHS compliant)




Similar Part No. - X9221AYS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9221AYS INTERSIL-X9221AYS Datasheet
259Kb / 15P
64 Taps, 2-Wire Serial Bus
September 14, 2005
X9221AYS INTERSIL-X9221AYS Datasheet
262Kb / 15P
Dual Digitally Controlled Potentiometer
August 30, 2006
logo
Renesas Technology Corp
X9221AYS RENESAS-X9221AYS Datasheet
638Kb / 15P
64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9221AYSI INTERSIL-X9221AYSI Datasheet
259Kb / 15P
64 Taps, 2-Wire Serial Bus
September 14, 2005
X9221AYSI INTERSIL-X9221AYSI Datasheet
262Kb / 15P
Dual Digitally Controlled Potentiometer
August 30, 2006
More results


Similar Description - X9221AYS

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9410 XICOR-X9410 Datasheet
123Kb / 21P
Dual Digitally Controlled Potentiometer
logo
Intersil Corporation
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
Digitally Controlled Potentiometer
X9221A INTERSIL-X9221A_06 Datasheet
262Kb / 15P
Dual Digitally Controlled Potentiometer
August 30, 2006
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
Digitally Controlled Potentiometer
September 26, 2006
X9410 INTERSIL-X9410_06 Datasheet
397Kb / 21P
Dual Digitally Controlled Potentiometer
October 12, 2006
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
Digitally Controlled Potentiometer
September 5, 2006
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
Dual Digitally Controlled Potentiometer XDCP
March 13, 2008
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
Dual Digitally Controlled Potentiometer (XDCP??
May 31, 2007
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
Digitally Controlled Potentiometer
July 20, 2009
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
Digitally Controlled Potentiometer
February 3, 2011
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com