Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1702 Datasheet (PDF) - Analog Intergrations Corporation

AIC1702 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1702
Download  AIC1702 Download
File Size   686.0 Kbytes
Page   15 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Load Regulation, typical - 2mV

AIC1702 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1702 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1702
Download  AIC1702 Click to download

File Size   686.0 Kbytes
Page   15 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Load Regulation, typical - 2mV

AIC1702 Datasheet (HTML) - Analog Intergrations Corporation




Similar Part No. - AIC1702

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1701 AIC-AIC1701 Datasheet
669Kb / 15P
150mA, 3關A Ultra Low Quiescent Current LDO Voltage Regulator
More results


Similar Description - AIC1702

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22949 TI-TPS22949 Datasheet
749Kb / 22P
CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949 TI-TPS22949_10 Datasheet
759Kb / 24P
CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949_101 TI-TPS22949_101 Datasheet
1Mb / 28P
CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
LP3875EMP-ADJ-NOPB TI-LP3875EMP-ADJ-NOPB Datasheet
1Mb / 20P
Ultra Low Dropout Voltage, Load Regulation of 0.06%
logo
M.S. Kennedy Corporatio...
MSK0033 MSK-MSK0033_15 Datasheet
183Kb / 6P
Low Input Offset - 2mV
logo
International Rectifier
IR3846M IRF-IR3846M_15 Datasheet
3Mb / 54P
Enhanced line/load regulation with Feed-Forward
logo
Sangdest Microelectroni...
SLR1084 SMC-SLR1084 Datasheet
390Kb / 10P
Extremely Tight Line and Load Regulation
logo
Astec America, Inc
ALQ15 ASTEC-ALQ15 Datasheet
408Kb / 2P
Regulation to zero load
BK60C ASTEC-BK60C Datasheet
78Kb / 2P
Regulation to zero load
logo
Unisonic Technologies
LR18230G-XX-S08-R UTC-LR18230G-XX-S08-R Datasheet
158Kb / 4P
Good Line and Load Regulation
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com