Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC2364 Datasheet (PDF) - Analog Intergrations Corporation

AIC2364 Datasheet PDF - Analog Intergrations Corporation
Part # AIC2364
Download  AIC2364 Download
File Size   379.91 Kbytes
Page   12 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 4A Synchronous PWM/PSM Step-Down

AIC2364 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC2364 Datasheet PDF - Analog Intergrations Corporation

Part # AIC2364
Download  AIC2364 Click to download

File Size   379.91 Kbytes
Page   12 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 4A Synchronous PWM/PSM Step-Down

AIC2364 Datasheet (HTML) - Analog Intergrations Corporation




Similar Part No. - AIC2364

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2362 AIC-AIC2362 Datasheet
275Kb / 10P
2A 550k/1.1MHz Synchronous PWM/PSM
AIC2363 AIC-AIC2363 Datasheet
293Kb / 13P
3.2A 550k/1.1MHz Synchronous PWM/PSM
More results


Similar Description - AIC2364

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC185 SEMTECH-SC185 Datasheet
946Kb / 18P
4A Synchronous Step-Down Regulator
logo
Eutech Microelectronics...
EUP3427 EUTECH-EUP3427 Datasheet
201Kb / 2P
4A, Synchronous Step-Down Converter
logo
Orister Corporation
RS6514 ORISTER-RS6514 Datasheet
433Kb / 8P
PWM Control 4A Step-Down Converter
logo
Analog Intergrations Co...
AIC2862 AIC-AIC2862 Datasheet
536Kb / 9P
2A 23V Synchronous PWM/PSM Step-Down
AIC2863 AIC-AIC2863 Datasheet
527Kb / 10P
3A 23V Synchronous PWM/PSM Step-Down
logo
Semtech Corporation
SC186 SEMTECH-SC186 Datasheet
1Mb / 18P
4A Synchronous Step-Down Regulator
logo
Analog Intergrations Co...
AIC2350 AIC-AIC2350 Datasheet
211Kb / 12P
400mA Synchronous PWM/PSM Step-Down
AIC2352 AIC-AIC2352 Datasheet
211Kb / 12P
700mA Synchronous PWM/PSM Step-Down
AIC2354 AIC-AIC2354 Datasheet
222Kb / 13P
1A Synchronous PWM/PSM Step-Down
logo
Eutech Microelectronics...
EUP3427A EUTECH-EUP3427A Datasheet
79Kb / 1P
4A, Synchronous Step-Down Converter
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com