Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10ELT20VZCTR Datasheet (PDF) - Micrel Semiconductor

SY10ELT20VZCTR Datasheet PDF - Micrel Semiconductor
Part # SY10ELT20VZCTR
Download  SY10ELT20VZCTR Download
File Size   50.81 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V TTL-to-DIFFERENTIAL PECL TRANSLATOR

SY10ELT20VZCTR Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10ELT20VZCTR Datasheet PDF - Micrel Semiconductor

Part # SY10ELT20VZCTR
Download  SY10ELT20VZCTR Click to download

File Size   50.81 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V TTL-to-DIFFERENTIAL PECL TRANSLATOR

SY10ELT20VZCTR Datasheet (HTML) - Micrel Semiconductor


SY10ELT20VZCTR Product details

DESCRIPTION
The SY10/100ELT20V is a single TTL-to-differential PECL translator. Because PECL (Positive ECL) levels are used, either +5V or +3.3V and ground are required. The small outline 8-lead SOIC package and low skew single gate design make the ELT20V ideal for applications that require the translation of a clock or data signal where minimal space, low power, and low cost are critical.
The ELT20V is available in both ECL standards: the 10ELT is compatible with positive ECL 10H logic levels, while the 100ELT is compatible with positive ECL 100K logic levels.

FEATURES
■ 3.3V and 5V power supply options
■ 300ps typical propagation delay
■ Low power
■ Differential PECL output
■ PNP TTL input for minimal loading
■ Flow-through pinouts
■ Available in 8-pin SOIC package and in die form




Similar Part No. - SY10ELT20VZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10ELT20VZCTR MICREL-SY10ELT20VZCTR Datasheet
119Kb / 6P
5V/3.3V TTL-TO-DIFFERENTIAL PECL TRANSLATOR
More results


Similar Description - SY10ELT20VZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10ELT22L MICREL-SY10ELT22L Datasheet
51Kb / 4P
3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
logo
Fairchild Semiconductor
100ELT22 FAIRCHILD-100ELT22 Datasheet
119Kb / 5P
5V Dual TTL to Differential PECL Translator
logo
ON Semiconductor
MC10-100ELT22 ONSEMI-MC10-100ELT22 Datasheet
57Kb / 8P
5VDual TTL to Differential PECL Translator
October, 2000 ??Rev. 4
logo
Micrel Semiconductor
SY89222L MICREL-SY89222L Datasheet
42Kb / 5P
3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT28 MICREL-SY10ELT28 Datasheet
90Kb / 7P
5V TTL-TO-DIFFERENTIAL PECL AND DIFFERENTIAL PECL-TO-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT20 ONSEMI-MC10ELT20 Datasheet
129Kb / 8P
5VTTL to Differential PECL Translator
December, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY10ELT20V MICREL-SY10ELT20V_06 Datasheet
119Kb / 6P
5V/3.3V TTL-TO-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22L MICREL-SY10ELT22L_05 Datasheet
82Kb / 5P
3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22L MICREL-SY10ELT22L_08 Datasheet
68Kb / 5P
3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
logo
ON Semiconductor
MC10ELT20 ONSEMI-MC10ELT20_15 Datasheet
83Kb / 7P
5V TTL to Differential PECL Translator
August, 2015 ??Rev. 7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com