Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3232EIRZ Datasheet (PDF) - Intersil Corporation

ISL3232EIRZ Datasheet PDF - Intersil Corporation
Part # ISL3232EIRZ
Download  ISL3232EIRZ Download
File Size   279.82 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers

ISL3232EIRZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL3232EIRZ Datasheet PDF - Intersil Corporation

Part # ISL3232EIRZ
Download  ISL3232EIRZ Click to download

File Size   279.82 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers

ISL3232EIRZ Datasheet (HTML) - Intersil Corporation


ISL3232EIRZ Product details

The Intersil ISL3232E and ISL4221E, ISL4223E devices are
2.7V to 5.5V powered RS-232 transmitters/receivers which
meet ElA/TIA-232 and V.28/V.24 specifications, even at
VCC = 3.0V. Additionally, they provide ±15kV ESD protection
(IEC61000-4-2 Air Gap and Human Body Model) on
transmitter outputs and receiver inputs (RS-232 pins).
Targeted applications are PDAs, Palmtops, and hand-held
products where the low operational, and even lower standby,
power consumption is critical. Efficient on-chip charge pumps,
coupled with manual and automatic power-down functions,
reduce the standby supply current to a 150nA trickle. Tiny
5mmx5mm Quad Flat No-Lead (QFN) packaging and the
use of small, low value capacitors ensure board space
savings as well. Data rates greater than 250kbps are
guaranteed at worst case load conditions.
The ISL4221E is a 1 driver, 1 receiver device and the
ISL3232E and ISL4223E are 2 driver, 2 receiver devices
that, coupled with the 5mmx5mm QFN package, provide the
industry’s smallest, lowest power serial port suitable for
PDAs, and hand-held applications. The 5mmx5mm QFN
requires 40% less board area than a 20 Ld TSSOP, and is
nearly 20% thinner.
The ISL4221E, ISL4223E versions feature an automatic
power-down function that powers down the on-chip power
supply and driver circuits. This occurs when an attached
peripheral device is shut off or the RS-232 cable is removed,
conserving system power automatically without changes to
the hardware or operating system. It powers up again when
a valid RS-232 voltage is applied to any receiver input.
Table 1 summarizes the features of the IC’s, while
Application Note AN9863 summarizes the features of each
device comprising the 3V RS-232 family

Features
• Available in Near Chip Scale QFN (5mmx5mm) Package,
which is 40% Smaller than a 20 Ld TSSOP
• ESD Protection for RS-232 I/O Pins to ±15kV (IEC61000)
• Meets EIA/TIA-232 and V.28/V.24 Specifications at 3V
• RS-232 Compatible with VCC = 2.7V
• On-Chip Voltage Converters Require Only Four External
0.1µF Capacitors
• Manual and Automatic Power-down Features (Except
ISL3232E)
• Receiver Hysteresis For Improved Noise Immunity
• Guaranteed Minimum Data Rate . . . . . . . . . . . . . 250kbps
• Wide Power Supply Range . . . . . . Single +2.7V to +5.5V
• Low Supply Current in Power-down State . . . . . . . .150nA
• Pb-Free Available (RoHS Compliant)

Applications
• Any Space Constrained System Requiring RS-232 Ports
- Battery Powered, and Portable Equipment
- Hand-Held Products (GPS Receivers, Bar Code
Scanners, etc.)
- PDAs and Palmtops, Data Cables
- Cellular/Mobile Phones, Digital Cameras




Similar Part No. - ISL3232EIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
281Kb / 14P
QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
May 13, 2010
logo
Renesas Technology Corp
ISL3232EIRZ RENESAS-ISL3232EIRZ Datasheet
661Kb / 14P
QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
ISL3232EIRZ RENESAS-ISL3232EIRZ Datasheet
369Kb / 24P
QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
Rev.7.00 May.2.19
ISL3232EIRZ-T RENESAS-ISL3232EIRZ-T Datasheet
369Kb / 24P
QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
Rev.7.00 May.2.19
ISL3232EIRZ-T7A RENESAS-ISL3232EIRZ-T7A Datasheet
369Kb / 24P
QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
Rev.7.00 May.2.19
More results


Similar Description - ISL3232EIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
August 2004
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
September 2001
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
April 13, 2007
ISL4260E INTERSIL-ISL4260E Datasheet
341Kb / 11P
QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
June 21, 2010
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
May 13, 2010
ICL3243ECAZ-T INTERSIL-ICL3243ECAZ-T Datasheet
699Kb / 33P
±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
logo
Renesas Technology Corp
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
ISL4260E RENESAS-ISL4260E Datasheet
599Kb / 11P
QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com