Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78200 Datasheet (PDF) - Intersil Corporation

ISL78200 Datasheet PDF - Intersil Corporation
Part # ISL78200
Download  ISL78200 Download
File Size   978.05 Kbytes
Page   22 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter

ISL78200 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL78200 Datasheet PDF - Intersil Corporation

Part # ISL78200
Download  ISL78200 Click to download

File Size   978.05 Kbytes
Page   22 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter

ISL78200 Datasheet (HTML) - Intersil Corporation


ISL78200 Product details

The ISL78200 is a synchronous buck controller with a 90mΩ
high-side MOSFET and low-side driver integrated. The ISL78200
supports wide input range of 3V to 40V in buck mode. It supports
2.5A continuous load under conditions of 5V VOUT, VIN range of
8V to 36V, 500kHz and +85°C ambient temperature with still air.
For any specific application, the actual maximum output current
depends upon the die temperature not exceeding +125°C with
the power dissipated in the IC, which is related to input voltage,
output voltage, duty cycle, switching frequency, ambient
temperature and board layout, etc. Refer to section “Output
Current” on page 14 for more details.
The ISL78200 has flexible selection of operation modes of forced
PWM mode and PFM mode. In PFM mode, the quiescent input
current is as low as 300µA and can be further reduced to 180µA
with AUXVCC connected to VOUT under 12V VIN and 5V VOUT
application. The load boundary between PFM and PWM can be
programmed to cover wide applications.
The low-side driver can be either used to drive an external low-side
MOSFET for a synchronous buck, or left unused for a standard
non-synchronous buck. The low-side driver can also be used to
drive a boost converter as a pre-regulator that greatly expands the
operating input voltage range down to 2.5V or lower (refer to
“Typical Application Schematic III - Boost Buck Converters” on
page 5).
The ISL78200 offers the most robust current protections. It uses
peak current mode control with cycle-by-cycle current limiting. It is
implemented with frequency foldback under current limit
condition; in addition, the hiccup overcurrent mode is also
implemented to guarantee reliable operations under harsh short
conditions.
The ISL78200 has comprehensive protections against various faults
including overvoltage and over-temperature protections, etc.

Features
• Buck Mode: Input Voltage Range 3V to 40V (Refer to “Input
Voltage” on page 14 for more details)
• Boost Mode Expands Operating Input Voltage Lower Than
2.5V (Refer to “Input Voltage” on page 14 for more details)
• Selectable Forced PWM Mode or PFM Mode
• 300µA IC Quiescent Current (PFM, No Load); 180µA Input
Quiescent Current (PFM, No Load, VOUT Connected to AUXVCC)
• Less than 3µA Shut Down Input Current (IC Disabled)
• Operational Topologies
- Synchronous Buck
- Non-Synchronous Buck
- Two Stage Boost Buck
• Programmable Frequency from 200kHz - 2.2MHz and
Frequency Synchronization Capability
• ±1% Tight Voltage Regulation Accuracy
• Reliable Cycle-by-Cycle Overcurrent Protection
- Temperature Compensated Current Sense
- Frequency Foldback
- Programmable OC Limit
- Hiccup Mode Protection in Worst Case Short Condition
• 20 Ld HTSSOP Package
• AEC Q100 Qualified
• Pb-Free (RoHS Compliant)

Applications
• Automotive Applications
• General Purpose Power Regulator
• 24V Bus Power
• Battery Power
• Embedded Processor and I/O Supplies




Similar Part No. - ISL78200

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78200 INTERSIL-ISL78200 Datasheet
963Kb / 19P
2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
September 22, 2011
logo
Renesas Technology Corp
ISL78200 RENESAS-ISL78200 Datasheet
1Mb / 22P
2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL78200AVEZ INTERSIL-ISL78200AVEZ Datasheet
963Kb / 19P
2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
September 22, 2011
logo
Renesas Technology Corp
ISL78200AVEZ RENESAS-ISL78200AVEZ Datasheet
1Mb / 22P
2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78200EVAL1Z RENESAS-ISL78200EVAL1Z Datasheet
1Mb / 22P
2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
More results


Similar Description - ISL78200

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78200 INTERSIL-ISL78200 Datasheet
963Kb / 19P
2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
September 22, 2011
ISL85402 INTERSIL-ISL85402 Datasheet
901Kb / 18P
2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
September 29, 2011
ISL85402IRZ-TK INTERSIL-ISL85402IRZ-TK Datasheet
1Mb / 22P
2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
April 25, 2013
ISL78201AVEZ INTERSIL-ISL78201AVEZ Datasheet
917Kb / 23P
40V 2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
March 31, 2015
logo
Altera Corporation
ER3125QI ALTERA-ER3125QI Datasheet
2Mb / 30P
MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL85403 INTERSIL-ISL85403 Datasheet
966Kb / 24P
2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
March 13, 2015
logo
Renesas Technology Corp
ISL78200 RENESAS-ISL78200 Datasheet
1Mb / 22P
2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78201 RENESAS-ISL78201 Datasheet
1Mb / 23P
40V 2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL85402 RENESAS-ISL85402 Datasheet
1Mb / 22P
2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL85403 RENESAS-ISL85403 Datasheet
1Mb / 24P
2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com