Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL267452 Datasheet (PDF) - Intersil Corporation

ISL267452 Datasheet PDF - Intersil Corporation
Part # ISL267452
Download  ISL267452 Download
File Size   714.38 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12-Bit, 555kSPS SAR ADC

ISL267452 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL267452 Datasheet PDF - Intersil Corporation

Part # ISL267452
Download  ISL267452 Click to download

File Size   714.38 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12-Bit, 555kSPS SAR ADC

ISL267452 Datasheet (HTML) - Intersil Corporation


ISL267452 Product details

The ISL267452 is a 12-bit, 555kSPS sampling SAR-type ADC
featuring excellent linearity over supply and temperature
variations, and is drop-in compatible with the AD7452. The
robust, fully-differential input offers high impedance to minimize
errors due to leakage currents, and the specified measurement
accuracy is maintained with input signals up to the supply rails.
The reference accepts inputs from 0.1V to 2.2V for 3V operation
and 0.1V to 3.5V for 5V operation, which provides design
flexibility in a wide variety of applications. The ISL267452 also
features up to 8kV Human Body Model ESD survivability.
The serial digital interface is SPI compatible and is easily
interfaced to all popular FPGAs and microcontrollers. Power
dissipation is 7mW at a sampling rate of 555kSPS, and just 5µW
between conversions utilizing Auto Power-Down mode (with a 5V
supply), making the ISL267452 an excellent solution for remote
industrial sensors and battery-powered instruments.
The ISL267452 is available in an 8 LD SOT-23 package, and is
specified for operation over the Industrial temperature range
(-40°C to +85°C).

Features
• Drop-in Compatible with AD7452
• Differential Input (Span = 2VREF)
• Simple SPI-compatible Serial Digital Interface
• Guaranteed No Missing Codes
• 555kHz Sampling Rate
• 3V or 5V Operation
• Low Operating Current
- 1.25mA at 555kSPS with 3V Supplies
- 1.70mA at 555kSPS with 5V Supplies
• Power-down Current between Conversions: 1µA
• Excellent Differential Non-Linearity
• Low THD: -83dB (typ)
• Pb-Free (RoHS Compliant)
• Available in SOT-23 Package

Applications
• Remote Data Acquisition
• Battery Operated Systems
• Industrial Process Control
• Energy Measurement
• Data Acquisition Systems
• Pressure Sensors
• Flow Controllers




Similar Part No. - ISL267452

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL267452 INTERSIL-ISL267452 Datasheet
716Kb / 16P
12-Bit, 555kSPS SAR ADC
July 26, 2012
ISL267452 INTERSIL-ISL267452 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL267452 INTERSIL-ISL267452 Datasheet
4Mb / 20P
Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL267452 RENESAS-ISL267452 Datasheet
1,016Kb / 16P
12-Bit, 555kSPS SAR ADC
logo
Intersil Corporation
ISL267452IHZ-T INTERSIL-ISL267452IHZ-T Datasheet
716Kb / 16P
12-Bit, 555kSPS SAR ADC
July 26, 2012
More results


Similar Description - ISL267452

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7482 AD-AD7482 Datasheet
1Mb / 16P
3MSPS, 12-Bit SAR ADC
REV.0
logo
Intersil Corporation
ISL2671286 INTERSIL-ISL2671286 Datasheet
641Kb / 15P
12-Bit, 20kSPS SAR ADC
ISL267452 INTERSIL-ISL267452 Datasheet
716Kb / 16P
12-Bit, 555kSPS SAR ADC
July 26, 2012
logo
IC MICROSYSTEMS
ICM7912 ICMIC-ICM7912 Datasheet
115Kb / 5P
12-BIT 125KSPS SAR ADC
logo
Analog Devices
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
3 MSPS, 12-Bit SAR ADC
REV. B
AD7482 AD-AD7482_15 Datasheet
748Kb / 21P
3 MSPS, 12-Bit SAR ADC
Rev. B
logo
Intersil Corporation
ISL2671286IBZ INTERSIL-ISL2671286IBZ Datasheet
638Kb / 15P
12-Bit, 20kSPS SAR ADC
November 1, 2011
logo
Analog Devices
AD7482 AD-AD7482_17 Datasheet
566Kb / 21P
3 MSPS, 12-Bit SAR ADC
12/09-Rev. A to Rev. B
logo
Renesas Technology Corp
ISL267452 RENESAS-ISL267452 Datasheet
1,016Kb / 16P
12-Bit, 555kSPS SAR ADC
ISL2671286 RENESAS-ISL2671286 Datasheet
820Kb / 15P
12-Bit, 20kSPS SAR ADC
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com