Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG408DY Datasheet (PDF) - Intersil Corporation

DG408DY Datasheet PDF - Intersil Corporation
Part # DG408DY
Download  DG408DY Download
File Size   613.68 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single 8-Channel/Differential 4-Channel, CMOS Analog Multiple

DG408DY Datasheet (PDF)

Go To PDF Page Download Datasheet
DG408DY Datasheet PDF - Intersil Corporation

Part # DG408DY
Download  DG408DY Click to download

File Size   613.68 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single 8-Channel/Differential 4-Channel, CMOS Analog Multiple

DG408DY Datasheet (HTML) - Intersil Corporation


DG408DY Product details

The DG408 Single 8-Channel, and DG409 Differential
4-Channel monolithic CMOS analog multiplexers are drop-in
replacements for the popular DG508A and DG509A series
devices. They each include an array of eight analog
switches, a TTL/CMOS compatible digital decode circuit for
channel selection, a voltage reference for logic thresholds
and an ENABLE input for device selection when several
multiplexers are present.
The DG408 and DG409 feature lower signal ON resistance
(<100Ω) and faster switch transition time (tTRANS < 250ns)
compared to the DG508A or DG509A. Charge injection has
been reduced, simplifying sample and hold applications. The
improvements in the DG408 series are made possible by
using a high-voltage silicon-gate process. An epitaxial layer
prevents the latch-up associated with older CMOS
technologies. Power supplies may be single-ended from +5V
to +34V, or split from ±5V to ±20V.
The analog switches are bilateral, equally matched for AC or
bidirectional signals. The ON resistance variation with
analog signals is quite low over a ±5V analog input range.

Features
• ON Resistance (Max, 25°C). . . . . . . . . . . . . . . . . . . 100Ω
• Low Power Consumption (PD) . . . . . . . . . . . . . . .<11mW
• Fast Switching Action
- tTRANS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <250ns
- tON/OFF(EN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . <150ns
• Low Charge Injection
• Upgrade from DG508A/DG509A
• TTL, CMOS Compatible
• Single or Split Supply Operation
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Data Acquisition Systems
• Audio Switching Systems
• Automatic Testers
• Hi-Rel Systems
• Sample and Hold Circuits
• Communication Systems
• Analog Selector Switch




Similar Part No. - DG408DY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG408DY INTERSIL-DG408DY Datasheet
327Kb / 16P
Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
logo
Maxim Integrated Produc...
DG408DY MAXIM-DG408DY Datasheet
374Kb / 12P
iMPROVED, 8-cHANNEL/dUAL 4-cHANNEL, cmos aNALOG mULTIPLEXERS
19-4729; Rev 3; 6/99
logo
Intersil Corporation
DG408DY INTERSIL-DG408DY Datasheet
606Kb / 17P
Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 13, 2006
logo
Vishay Siliconix
DG408DY VISHAY-DG408DY Datasheet
157Kb / 12P
8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
11-Jun-07
logo
Maxim Integrated Produc...
DG408DY MAXIM-DG408DY Datasheet
152Kb / 12P
Improved, 8-Channel/Dual 4-Channel, CMOS Analog Multiplexers
Rev 4; 9/08
More results


Similar Description - DG408DY

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A Datasheet
423Kb / 16P
Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG408 INTERSIL-DG408 Datasheet
327Kb / 16P
Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
DG408883 INTERSIL-DG408883 Datasheet
395Kb / 15P
Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers
June 1994
logo
Texas Instruments
HI-509A TI-HI-509A Datasheet
1Mb / 10P
Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG408 INTERSIL-DG408_06 Datasheet
606Kb / 17P
Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 13, 2006
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A_07 Datasheet
478Kb / 18P
Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC508A BURR-BROWN-MPC508A_08 Datasheet
521Kb / 17P
Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG408DYZ-T INTERSIL-DG408DYZ-T Datasheet
612Kb / 17P
Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
logo
Texas Instruments
MPC508A TI1-MPC508A Datasheet
982Kb / 19P
Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Renesas Technology Corp
DG408 RENESAS-DG408 Datasheet
658Kb / 17P
Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
Jun 13, 2006
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com