Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54052 Datasheet (PDF) - Intersil Corporation

ISL54052 Datasheet PDF - Intersil Corporation
Part # ISL54052
Download  ISL54052 Download
File Size   400.62 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches

ISL54052 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL54052 Datasheet PDF - Intersil Corporation

Part # ISL54052
Download  ISL54052 Click to download

File Size   400.62 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches

ISL54052 Datasheet (HTML) - Intersil Corporation


ISL54052 Product details

The Intersil ISL54051 and ISL54052 devices are low
ON-resistance, low voltage, bidirectional, single
pole/single throw (SPST) analog switches designed to
operate from a single +1.8V to +5.5V supply. Targeted
applications include battery powered equipment, which
benefit from low rON resistance (0.8Ω), excellent rON
flatness, and fast switching speeds (tON = 24ns,
tOFF = 10ns). The digital logic input is 1.8V logic
compatible when using a single +3.0V supply.
Cell phones, for example, often face ASIC functionality
limitations. The number of analog input or GPIO pins
may be limited and digital geometries are not well suited
to analog switch performance. This family of parts may
be used to switch in additional functionality while
reducing ASIC design risk. The ISL54051 and the
ISL54052 are offered in a 6 Ld 1.2mmx1.0mmx0.5mm
µTDFN package and a 6 Ld SOT-23 package, alleviating
board space limitations.
The ISL54051 has one normally open (NO) switch and
ISL54052 has one normally closed (NC) switch.

Features
• ON-resistance (rON)
- VCC = +5.0V. . . . . . . . . . . . . . . . . . . . . 0.8Ω
- VCC = +3.0V. . . . . . . . . . . . . . . . . . . . . 1.1Ω
- VCC = +1.8V. . . . . . . . . . . . . . . . . . . . . 2.3Ω
• rON flatness (+4.5V supply) . . . . . . . . . . . . 0.25Ω
• Single supply operation . . . . . . . . +1.8V to +5.5V
• Fast switching action (+4.5V supply)
- tON . . . . . . . . . . . . . . . . . . . . . . . . . . . 24ns
- tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . 10ns
• ESD HBM rating . . . . . . . . . . . . . . . . . . . . . . >6kV
• 1.8V, CMOS logic compatible (+3V supply)
• Available in 6 Ld µTDFN and 6Ld SOT-23 Packages
• Pb-free (RoHS compliant)

Applications
• Battery powered, handheld, and portable equipment
- Cellular/mobile phones
- Pagers
- Laptops, notebooks, palmtops
• Portable test and measurement
• Medical equipment
• Audio and video switching




Similar Part No. - ISL54052

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54052 INTERSIL-ISL54052 Datasheet
401Kb / 12P
Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
October 19, 2009
ISL54052 INTERSIL-ISL54052 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54052 RENESAS-ISL54052 Datasheet
616Kb / 12P
Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
logo
Intersil Corporation
ISL54052IHZ-T INTERSIL-ISL54052IHZ-T Datasheet
401Kb / 12P
Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
October 19, 2009
logo
Renesas Technology Corp
ISL54052IHZ-T RENESAS-ISL54052IHZ-T Datasheet
616Kb / 12P
Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
More results


Similar Description - ISL54052

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84715 INTERSIL-ISL84715 Datasheet
338Kb / 10P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
June 2004
ISL43L710 INTERSIL-ISL43L710_07 Datasheet
265Kb / 11P
Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
April 12, 2007
ISL84715_0411 INTERSIL-ISL84715_0411 Datasheet
328Kb / 10P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
ISL54051_0709 INTERSIL-ISL54051_0709 Datasheet
328Kb / 10P
Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
September 25, 2007
ISL54051 INTERSIL-ISL54051 Datasheet
401Kb / 12P
Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
October 19, 2009
ISL84715 INTERSIL-ISL84715_15 Datasheet
426Kb / 11P
Ultra Low ON-Resistance, Low Voltage, Single Supply,SPST Analog Switches
August 18, 2015
logo
Renesas Technology Corp
ISL43L120 RENESAS-ISL43L120 Datasheet
651Kb / 11P
Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL43L710 RENESAS-ISL43L710 Datasheet
653Kb / 11P
Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
ISL54051 RENESAS-ISL54051 Datasheet
616Kb / 12P
Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
ISL84715 RENESAS-ISL84715 Datasheet
581Kb / 11P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com