Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84781 Datasheet (PDF) - Intersil Corporation

ISL84781 Datasheet PDF - Intersil Corporation
Part # ISL84781
Download  ISL84781 Download
File Size   279.46 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Ultra Low ON-Resistance, Low-Voltage Single Supply, 8-to-1 Analog Multiplexer

ISL84781 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL84781 Datasheet PDF - Intersil Corporation

Part # ISL84781
Download  ISL84781 Click to download

File Size   279.46 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Ultra Low ON-Resistance, Low-Voltage Single Supply, 8-to-1 Analog Multiplexer

ISL84781 Datasheet (HTML) - Intersil Corporation


ISL84781 Product details

The Intersil ISL84781 device contains precision, bidirectional,
analog switches configured as an 8-channel
multiplexer/demultiplexer. It is designed to operate from a
single +1.6V to +3.6V supply. The device has an inhibit pin to
simultaneously open all signal paths.
ON-resistance is 0.4Ω with a +3.0V supply and 0.55Ω with a
single +1.8V supply. Each switch can handle rail-to-rail
analog signals. The off-leakage current is only 4nA max at
+25°C or 40nA max at +85°C with a +3.3V supply.
All digital inputs are 1.8V logic-compatible when using a
single +3V supply.
The ISL84781 is a 8-to-1 multiplexer device that is offered in a
16 Ld TSSOP package, and a 16 Ld thin QFN package.
Table 1 summarizes the performance of this family

Features
• Pin Compatible Replacement for the MAX4781, and
MAX4617
• ON-resistance (rON)
- V+ = +3.0V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.4Ω
- V+ = +1.8V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.55Ω
• rON Matching Between Channels . . . . . . . . . . . . . . . . 0.12Ω
• rON Flatness Across Signal Range . . . . . . . . . . . . . . .0.056Ω
• Single Supply Operation. . . . . . . . . . . . . . . . . +1.6V to +3.6V
• Low Power Consumption (PD). . . . . . . . . . . . . . . . . . <0.2µW
• Fast Switching Action (VS = +3V)
- tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16ns
- tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13ns
• Guaranteed Break-Before-Make
• High Current Handling Capacity (300mA Continuous)
• Available in 16 Ld TSSOP and 16 Ld 3x3 Thin QFN
• 1.8V CMOS-Logic Compatible (+3V Supply)
• Pb-Free (RoHS Compliant)
• ISL84781IR Replaces the ISL43L680IR.

Applications
• Battery Powered, Handheld, and Portable Equipment
- Cellular/Mobile Phones
- Pagers
- Laptops, Notebooks, Palmtops
• Portable Test and Measurement
• Medical Equipment
• Audio Switching and Routing




Similar Part No. - ISL84781

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84781 INTERSIL-ISL84781 Datasheet
340Kb / 12P
Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8 to 1 Analog Multiplexer
November 17, 2004
ISL84781 INTERSIL-ISL84781 Datasheet
282Kb / 12P
Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8 to 1 Analog Multiplexer
July 31, 2006
ISL84781 INTERSIL-ISL84781 Datasheet
282Kb / 11P
Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8-to-1 Analog Multiplexer
October 28, 2010
ISL84781 INTERSIL-ISL84781 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL84781 RENESAS-ISL84781 Datasheet
617Kb / 12P
Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8-to-1 Analog Multiplexer
More results


Similar Description - ISL84781

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43L840 INTERSIL-ISL43L840 Datasheet
334Kb / 11P
Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
October 12, 2004
ISL84781 INTERSIL-ISL84781 Datasheet
340Kb / 12P
Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8 to 1 Analog Multiplexer
November 17, 2004
ISL84781 INTERSIL-ISL84781_06 Datasheet
282Kb / 12P
Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8 to 1 Analog Multiplexer
July 31, 2006
ISL54057 INTERSIL-ISL54057 Datasheet
264Kb / 10P
Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
September 29, 2006
ISL84781 INTERSIL-ISL84781_10 Datasheet
282Kb / 11P
Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8-to-1 Analog Multiplexer
October 28, 2010
ISL43L841 INTERSIL-ISL43L841_14 Datasheet
323Kb / 12P
Ultra Low ON-Resistance, Low-Voltage,Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL43L841 RENESAS-ISL43L841 Datasheet
623Kb / 12P
Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL54057 RENESAS-ISL54057 Datasheet
513Kb / 10P
Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84781 RENESAS-ISL84781 Datasheet
617Kb / 12P
Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8-to-1 Analog Multiplexer
ISL84782 RENESAS-ISL84782 Datasheet
628Kb / 12P
Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com