Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7242IBAZ Datasheet (PDF) - Intersil Corporation

ICM7242IBAZ Datasheet PDF - Intersil Corporation
Part # ICM7242IBAZ
Download  ICM7242IBAZ Download
File Size   298.26 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Long Range Fixed Timer

ICM7242IBAZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ICM7242IBAZ Datasheet PDF - Intersil Corporation

Part # ICM7242IBAZ
Download  ICM7242IBAZ Click to download

File Size   298.26 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Long Range Fixed Timer

ICM7242IBAZ Datasheet (HTML) - Intersil Corporation


ICM7242IBAZ Product details

The ICM7242 is a CMOS timer/counter circuit consisting of
an RC oscillator followed by an 8-bit binary counter. It will
replace the 2242 in most applications, with a significant
reduction in the number of external components.
Three outputs are provided. They are the oscillator output,
and buffered outputs from the first and eighth counters.

Features
• Replaces the 2242 in Most Applications
• Timing From Microseconds to Days
• Cascadable
• Monostable or Astable Operation
• Wide Supply Voltage Range . . . . . . . . . . . . . . . 2V to 16V
• Low Supply Current . . . . . . . . . . . . . . . . . . . . 115µA at 5V
• Pb-Free Plus Anneal Available (RoHS Compliant)




Similar Part No. - ICM7242IBAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7242IBAZ INTERSIL-ICM7242IBAZ Datasheet
264Kb / 10P
Long Range Fixed Timer
February 9, 2007
logo
Renesas Technology Corp
ICM7242IBAZ RENESAS-ICM7242IBAZ Datasheet
571Kb / 11P
Long Range Fixed Timer
More results


Similar Description - ICM7242IBAZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6783S PANASONIC-AN6783S Datasheet
85Kb / 9P
IC for long interval timer
logo
Intersil Corporation
ICM7242 INTERSIL-ICM7242 Datasheet
73Kb / 7P
Long Range Fixed Timer
November 1996
logo
Motorola, Inc
MC33187 MOTOROLA-MC33187 Datasheet
325Kb / 7P
Long Duration Automotive Timer
logo
ATMEL Corporation
U6046B ATMEL-U6046B Datasheet
247Kb / 13P
REAR WINDOW HEATING TIMER / LONG-TERM TIMER
logo
Exar Corporation
XR-2243 EXAR-XR-2243 Datasheet
406Kb / 5P
Micropower Long Range Timer
XR2242 EXAR-XR2242 Datasheet
362Kb / 5P
Long Range Timer
logo
ATMEL Corporation
U6046B ATMEL-U6046B_05 Datasheet
197Kb / 16P
REAR WINDOW HEATING TIMER / LONG-TERM TIMER
logo
Intersil Corporation
ICM7242 INTERSIL-ICM7242_07 Datasheet
264Kb / 10P
Long Range Fixed Timer
February 9, 2007
logo
Linear Technology
LTC6995-2 LINER-LTC6995-2_15 Datasheet
321Kb / 28P
Long Timer, Low Frequency Oscillator
logo
Renesas Technology Corp
ICM7242 RENESAS-ICM7242 Datasheet
571Kb / 11P
Long Range Fixed Timer
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com