Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43L840 Datasheet (PDF) - Intersil Corporation

ISL43L840 Datasheet PDF - Intersil Corporation
Part # ISL43L840
Download  ISL43L840 Download
File Size   348.33 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Ultra Low ON-Resistance, Low-Voltage,Single Supply, Dual 4 to 1 Analog Multiplexer

ISL43L840 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL43L840 Datasheet PDF - Intersil Corporation

Part # ISL43L840
Download  ISL43L840 Click to download

File Size   348.33 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Ultra Low ON-Resistance, Low-Voltage,Single Supply, Dual 4 to 1 Analog Multiplexer

ISL43L840 Datasheet (HTML) - Intersil Corporation


ISL43L840 Product details

The Intersil ISL43L840 device is a precision, bidirectional,
analog switches configured as a dual 4-channel
multiplexer/demultiplexer, designed to operate from a single
+1.6V to +3.6V supply.
ON resistance is 0.5Ω with a +3V supply and 0.62Ω with a
single +1.8V supply. Each switch can handle rail to rail
analog signals. The off-leakage current is only 4nA max at
+25°C and 30nA max at +85°C with a +3.3V supply.
All digital inputs are 1.8V logic-compatible when using a
single +3V supply.
The ISL43L840 is a dual 4 to 1 multiplexer device that is
offered in a 16 Ld TSSOP and 16 Ld 3x3 QFN packages.

Features
• ON Resistance (RON)
- V+ = +3.0V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5Ω
- V+ = +1.8V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.62Ω
• RON Matching Between Channels. . . . . . . . . . . . . . . . .0.12Ω
• RON Flatness Across Signal Range . . . . . . . . . . . . . .0.056Ω
• Single Supply Operation. . . . . . . . . . . . . . . . . +1.6V to +3.6V
• Low Power Consumption (PD). . . . . . . . . . . . . . . . . . <0.2µW
• Fast Switching Action (VS = +3V)
- tRANS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19ns
• Guaranteed Break-Before-Make
• High Current Handling Capacity (300mA Continuous)
• Available in 16 Ld 3x3 QFN and 16 Ld TSSOP
• 1.8V CMOS-Logic Compatible (+3V Supply)
• Pb-Free Available as an Option (RoHS Compliant)
(see Ordering Info)

Applications
• Battery Powered, Handheld, and Portable Equipment
- Cellular/Mobile Phones
- Pagers
- Laptops, Notebooks, Palmtops
• Portable Test and Measurement
• Medical Equipment
• Audio and Video Switching




Similar Part No. - ISL43L840

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43L840 INTERSIL-ISL43L840 Datasheet
334Kb / 11P
Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
October 12, 2004
ISL43L840 INTERSIL-ISL43L840 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL43L840 RENESAS-ISL43L840 Datasheet
572Kb / 11P
Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL43L840IR INTERSIL-ISL43L840IR Datasheet
334Kb / 11P
Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
October 12, 2004
logo
Renesas Technology Corp
ISL43L840IR RENESAS-ISL43L840IR Datasheet
572Kb / 11P
Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
More results


Similar Description - ISL43L840

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43L840 INTERSIL-ISL43L840 Datasheet
334Kb / 11P
Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
October 12, 2004
ISL54057 INTERSIL-ISL54057 Datasheet
264Kb / 10P
Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
September 29, 2006
ISL54058 INTERSIL-ISL54058 Datasheet
249Kb / 10P
Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
September 29, 2006
ISL43L841 INTERSIL-ISL43L841_14 Datasheet
323Kb / 12P
Ultra Low ON-Resistance, Low-Voltage,Single Supply, Differential 4 to 1 Analog Multiplexer
ISL54058 INTERSIL-ISL54058_14 Datasheet
266Kb / 10P
Ultra Low ON-Resistance, Low-Voltage Single Supply, Dual 4 to 1 Analog Multiplexer
September 29, 2006
logo
Renesas Technology Corp
ISL43L840 RENESAS-ISL43L840 Datasheet
572Kb / 11P
Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL43L841 RENESAS-ISL43L841 Datasheet
623Kb / 12P
Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL54057 RENESAS-ISL54057 Datasheet
513Kb / 10P
Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL54058 RENESAS-ISL54058 Datasheet
492Kb / 10P
Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL84782 RENESAS-ISL84782 Datasheet
628Kb / 12P
Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com