Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35501FP Datasheet (PDF) - Mitsubishi Electric Semiconductor

M35501FP Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M35501FP
Download  M35501FP Download
File Size   141.99 Kbytes
Page   14 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description FLD(VFD) DIGIT EXPANDER

M35501FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M35501FP Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M35501FP
Download  M35501FP Click to download

File Size   141.99 Kbytes
Page   14 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description FLD(VFD) DIGIT EXPANDER

M35501FP Datasheet (HTML) - Mitsubishi Electric Semiconductor


M35501FP Product details

DESCRIPTION
The M35501FP generates digit signals for fluorescent display when connected to the output port of a microcomputer. There are up to 16 digit pins available, and more can be added by connecting additional M35501FPs. The number of fluorescent displays can be increased easily by connecting the M35501FP to the CMOS FLD (VFD; Vacuum Fluorescent Display) output pins of an 8-bit microcomputer in MITSUBISHI’s 38B5 Group. The M35501FP is suitable for fluorescent display control on household electric appliances, audio products, etc.

FEATURES
● Digit output............................................................. 16 (maximum)
   • Up to 16 pins can be selected
   • More digits available by connecting additional M35501FPs
   • Output structure: high-breakdown voltage, P-channel open-drain;
      built-in pull-down resistor between digit output pins and
      VEE pin
● Power-on reset circuit ........................................................ Built-in
● Power source voltage ................................................ 4.0 to 5.5 V
● Pull-down power source voltage ................................ Vcc – 43 V
● Operating temperature range ................................... –20 to 85 °C
● Package ............................................................................. 24P2E
● Power dissipation ............... 250µW (at 100 kHz operation clock)




Similar Part No. - M35501FP

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
M3550 PETERMANN-M3550 Datasheet
133Kb / 3P
HIGH RELIABILITY FOR LOW COST
logo
Mitsubishi Electric Sem...
M35500 MITSUBISHI-M35500 Datasheet
169Kb / 16P
FLD(VFD) CONTROLLER
M35500AFP MITSUBISHI-M35500AFP Datasheet
169Kb / 16P
FLD(VFD) CONTROLLER
M35500BGP MITSUBISHI-M35500BGP Datasheet
169Kb / 16P
FLD(VFD) CONTROLLER
M35502AFP MITSUBISHI-M35502AFP Datasheet
218Kb / 16P
FLD CONTROLLER?
More results


Similar Description - M35501FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M35500AFP MITSUBISHI-M35500AFP Datasheet
169Kb / 16P
FLD(VFD) CONTROLLER
M35502AFP MITSUBISHI-M35502AFP Datasheet
218Kb / 16P
FLD CONTROLLER?
M66004SP MITSUBISHI-M66004SP Datasheet
182Kb / 14P
16-DIGIT 5x7-SEGMENT VFD CONTROLLER
logo
Toshiba Semiconductor
TB2104F TOSHIBA-TB2104F Datasheet
326Kb / 8P
VFD DRIVER
15-May-1998
logo
New Japan Radio
NJU3426 NJRC-NJU3426 Datasheet
114Kb / 12P
16-SEGMENT X 15-Digit VFD CONTROLLER / DRIVER
logo
ELAN Microelectronics C...
EPVP6200 EMC-EPVP6200 Datasheet
442Kb / 57P
VFD Controller
EPVP6300 EMC-EPVP6300 Datasheet
517Kb / 63P
VFD Controller
EPVP6800 EMC-EPVP6800 Datasheet
325Kb / 47P
VFD Controller
logo
Toshiba Semiconductor
TB2104F TOSHIBA-TB2104F_02 Datasheet
465Kb / 9P
VFD Driver
logo
Renesas Technology Corp
M66004SP RENESAS-M66004SP Datasheet
2Mb / 15P
16-DIGIT 5*7-SEGMENT VFD CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com