| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
P89LPC933
|
337Kb / 71P |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable Flash with 8-bit A/D converters
Rev. 06-20 June 2005 |
|
P89LPC925FDH
|
233Kb / 49P |
8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter
Rev. 03-15 December 2004 |
|
P89LPC904
|
190Kb / 41P |
8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
Rev. 02-25 June 2004 |
|
P89LPC915
|
344Kb / 72P |
8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V Flash with 8-bit A/D converter
Rev. 04-17 December 2004 |
|
P89LPC9107
|
257Kb / 58P |
8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
Rev. 02-11 April 2005 |
|
P89LPC933
|
366Kb / 75P |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
Rev. 07-26 November 2008 |
|
P89LPC9201
|
335Kb / 74P |
8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 01-16 April 2009 |
|
P89LPC915
|
379Kb / 75P |
8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V flash with 8-bit A/D converter
Rev. 05-15 December 2009 |
|
P89LPC9102
|
291Kb / 61P |
8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable flash with 8-bit A/D converter
Rev. 03-10 July 2007 |
|
P89LPC9301
|
312Kb / 65P |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable flash
Rev. 01-9 April 2009 |