Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC621 Datasheet (PDF) - Microchip Technology

TC621 Datasheet PDF - Microchip Technology
Part # TC621
Download  TC621 Download
File Size   450.61 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 5V, Dual Trip Point Temperature Sensors

TC621 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC621 Datasheet PDF - Microchip Technology

Part # TC621
Download  TC621 Click to download

File Size   450.61 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 5V, Dual Trip Point Temperature Sensors

TC621 Datasheet (HTML) - Microchip Technology


TC621 Product details

GENERAL DESCRIPTION
The TC620 and TC621 are programmable logic output temperature detectors designed for use in thermal management applications. The TC620 features an on-board temperature sensor, while the TC621 connects to an external NTC thermistor for remote sensing applications.

FEATURES
■ User-Programmable Hysteresis and Temperature Set Point
■ Easily Programs with 2 External Resistors
■ Wide Temperature Detection Range ................ – 40°C to +125°C (TC620/621CVx)
■ External Thermistor for Remote Sensing Applications (TC621x)

APPLICATIONS
■ Power Supply Overtemperature Detection
■ Consumer Equipment
■ Temperature Regulators
■ CPU Thermal Protection




Similar Part No. - TC621

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC621 TELCOM-TC621 Datasheet
75Kb / 6P
5V, DUAL TRIP POINT TEMPERATURE SENSORS
logo
Microchip Technology
TC621 MICROCHIP-TC621 Datasheet
195Kb / 16P
5V, Dual Trip Point Temperature Sensors
2001-2012 11/29/12
TC621 MICROCHIP-TC621 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
TC621 MICROCHIP-TC621 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
TC621 MICROCHIP-TC621 Datasheet
276Kb / 14P
5V Dual Trip Point Temperature Sensors
10/31/05
More results


Similar Description - TC621

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC623 ONSEMI-MC623 Datasheet
71Kb / 4P
3V, Dual Trip Point Temperature Sensor
February, 2000 ??Rev. 0
logo
TelCom Semiconductor, I...
TC620 TELCOM-TC620 Datasheet
75Kb / 6P
5V, DUAL TRIP POINT TEMPERATURE SENSORS
TC623 TELCOM-TC623 Datasheet
41Kb / 3P
3V, DUAL TRIP POINT TEMPERATURE SENSOR
logo
Microchip Technology
TC623 MICROCHIP-TC623 Datasheet
422Kb / 12P
3V, Dual Trip Point Temperature Sensor
2002
logo
ON Semiconductor
MC642.REV3 ONSEMI-MC642.REV3 Datasheet
65Kb / 5P
3.0 V, Dual Trip Point Temperature Sensor
February, 2003 - Rev. 3
logo
Microchip Technology
TC623 MICROCHIP-TC623_06 Datasheet
239Kb / 12P
3V, Dual Trip Point Temperature Sensor
2006
TC620 MICROCHIP-TC620_13 Datasheet
195Kb / 16P
5V, Dual Trip Point Temperature Sensors
2001-2012 11/29/12
TC623 MICROCHIP-TC623_13 Datasheet
141Kb / 12P
3V, Dual Trip Point Temperature Sensor
11/29/12 2001-2012
TC620CEOA713 MICROCHIP-TC620CEOA713 Datasheet
276Kb / 14P
5V Dual Trip Point Temperature Sensors
10/31/05
TC620 MICROCHIP-TC620_15 Datasheet
400Kb / 20P
5V, Dual Trip Point Temperature Sensors
01/27/15
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com