Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM10879 Datasheet (PDF) - NXP Semiconductors

UM10879 Datasheet PDF - NXP Semiconductors
Part # UM10879
Download  UM10879 Download
File Size   947.2 Kbytes
Page   43 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description SSL8516BDB1317 75 W 48 V/1.6 A CVCC LED driver

UM10879 Datasheet (PDF)

Go To PDF Page Download Datasheet
UM10879 Datasheet PDF - NXP Semiconductors

Part # UM10879
Download  UM10879 Click to download

File Size   947.2 Kbytes
Page   43 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description SSL8516BDB1317 75 W 48 V/1.6 A CVCC LED driver

UM10879 Datasheet (HTML) - NXP Semiconductors




Similar Part No. - UM10879

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UM10878 PHILIPS-UM10878 Datasheet
972Kb / 25P
PN7120 NFC Controller SBC Kit User Manual
Rev. 1.0-19 May 2015
More results


Similar Description - UM10879

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4400 TI-PT4400 Datasheet
218Kb / 10P
75-W 48-V Input Isolated DC/DC Converter
logo
Nihon Inter Electronics...
PDMB75A6 NIEC-PDMB75A6_1 Datasheet
142Kb / 4P
75 A 600 V
logo
LDT Co., Ltd
LD1048 LDT-LD1048 Datasheet
200Kb / 27P
48 Channel Output LED DRIVER
logo
M/A-COM Technology Solu...
NPT2022 MA-COM-NPT2022_14 Datasheet
1Mb / 11P
GaN Wideband Transistor 48 V, 100 W
NPT2020 MA-COM-NPT2020_15 Datasheet
1Mb / 13P
GaN Wideband Transistor 48 V, 50 W
logo
Gamewell-FCI by Honeywe...
1100-0503 GAMEWELL-FCI-1100-0503 Datasheet
60Kb / 1P
ANU-48 LED Driver Module
logo
Texas Instruments
TPS92520-Q1 TI1-TPS92520-Q1 Datasheet
137Kb / 5P
TPS92520-Q1 4.5-V to 65-V Input Dual 1.6-A Synchronous Buck LED Driver with SPI Control
TPS92520-Q1 TI1-TPS92520-Q1_V01 Datasheet
834Kb / 56P
TPS92520-Q1 4.5-V to 65-V Input Dual 1.6-A Synchronous Buck LED Driver with SPI Control
TPS92520-Q1 TI1-TPS92520-Q1_V02 Datasheet
3Mb / 77P
TPS92520-Q1 4.5-V to 65-V Dual 1.6-A Synchronous Buck LED Driver with SPI Control
logo
Qorvo, Inc
QPD0050 QORVO-QPD0050 Datasheet
916Kb / 12P
75 W, 48 V, DC to 3.6 GHz, GaN RF Power Transistor
February 2020
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com