Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2585S-12/NOPB Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LM2585S-12/NOPB Datasheet PDF - Texas Instruments
Part # LM2585S-12/NOPB
Download  LM2585S-12/NOPB Download
File Size   3969.35 Kbytes
Page   32 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator

LM2585S-12/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2585S-12/NOPB Datasheet PDF - Texas Instruments

Part # LM2585S-12/NOPB
Download  LM2585S-12/NOPB Click to download

File Size   3969.35 Kbytes
Page   32 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator

LM2585S-12/NOPB Datasheet (HTML) - Texas Instruments




Similar Part No. - LM2585S-12/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2585S-12 NSC-LM2585S-12 Datasheet
627Kb / 25P
SIMPLE SWITCHER 3A Flyback Regulator
LM2585S-12 NSC-LM2585S-12 Datasheet
983Kb / 28P
SIMPLE SWITCHER짰 3A Flyback Regulator
More results


Similar Description - LM2585S-12/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
SIMPLE SWITCHER 3A Flyback Regulator
LM2586 NSC-LM2586 Datasheet
778Kb / 28P
SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
LM2585 NSC-LM2585_07 Datasheet
983Kb / 28P
SIMPLE SWITCHER짰 3A Flyback Regulator
LM2586 NSC-LM2586_05 Datasheet
1Mb / 30P
SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
LM2587 NSC-LM2587_04 Datasheet
810Kb / 27P
SIMPLE SWITCHER짰 5A Flyback Regulator
LM2588 NSC-LM2588_05 Datasheet
1Mb / 30P
SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2587EVAL TI1-LM2587EVAL Datasheet
4Mb / 32P
LM2587 SIMPLE SWITCHER짰 5A Flyback Regulator
LM2586 TI1-LM2586_13 Datasheet
2Mb / 38P
SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
LM5576 TI1-LM5576_13 Datasheet
1Mb / 30P
SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com