Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK73H1JTTD7501F Datasheet (PDF) - KOA Speer Electronics, Inc.

RK73H1JTTD7501F Datasheet PDF - KOA Speer Electronics, Inc.
Part # RK73H1JTTD7501F
Download  RK73H1JTTD7501F Download
File Size   385.18 Kbytes
Page   2 Pages
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.
Description precision 0.5%, 1% tolerance

RK73H1JTTD7501F Datasheet (PDF)

Go To PDF Page Download Datasheet
RK73H1JTTD7501F Datasheet PDF - KOA Speer Electronics, Inc.

Part # RK73H1JTTD7501F
Download  RK73H1JTTD7501F Click to download

File Size   385.18 Kbytes
Page   2 Pages
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.
Description precision 0.5%, 1% tolerance

RK73H1JTTD7501F Datasheet (HTML) - KOA Speer Electronics, Inc.


RK73H1JTTD7501F Product details

features
• Marking: 1F, 1H: no marking, black body 1E: blue body, no marking 1J: three-digit black marking (E-24 only) on blue protective coat. 2A ~ 3A four-digit black marking on blue protective coat.
• Products with lead-free terminations meet EU RoHS requirements. EU RoHS regulation is not intended for Pb-glass contained in electrode, resistor element and glass.
• AEC-Q200 Qualified: 0201 (1H), 0402 (1E), 0603 (1J), 0805 (2A), 1206 (2B), 1210 (2E), 2010 (2H/W2H), 2512 (3A/W3A/W3A2)




Similar Part No. - RK73H1JTTD7501F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73H1JTTD75R0F KOA-RK73H1JTTD75R0F Datasheet
867Kb / 2P
THICK FILM竊늁RECISION竊
More results


Similar Description - RK73H1JTTD7501F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RK73H1J ETC1-RK73H1J Datasheet
84Kb / 5P
FLAT CHIP RESISTORS PRECISION 1% & 0.5% TOLERANCE
RK73H ETC1-RK73H Datasheet
524Kb / 2P
PRECISION 0.5%, 1% TOLERANCE THICK FILM CHIP RESISTOR
logo
KOA Speer Electronics, ...
RK73H1H KOA-RK73H1H Datasheet
92Kb / 2P
precision 0.5%,1%tolerance thick film chip resistor
RK73H2BTTD1003F KOA-RK73H2BTTD1003F Datasheet
226Kb / 2P
precision 0.5%, 1% tolerance thick film chip resistor
RK73H1ETTP1200F KOA-RK73H1ETTP1200F Datasheet
226Kb / 2P
precision 0.5%, 1% tolerance thick film chip resistor
RK73H2BTTD3323F KOA-RK73H2BTTD3323F Datasheet
248Kb / 2P
precision 0.5%, 1% tolerance thick film chip resistor
RK73H1ETTP1212F KOA-RK73H1ETTP1212F Datasheet
227Kb / 2P
precision 0.5%, 1% tolerance thick film chip resistor
RK73H1ETTP4301F KOA-RK73H1ETTP4301F Datasheet
227Kb / 2P
precision 0.5%, 1% tolerance thick film chip resistor
RK73H1JTTD1272F KOA-RK73H1JTTD1272F Datasheet
227Kb / 2P
precision 0.5%, 1% tolerance thick film chip resistor
RK73H2ATTD9091F KOA-RK73H2ATTD9091F Datasheet
227Kb / 2P
precision 0.5%, 1% tolerance thick film chip resistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com