Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCR8PM Datasheet (PDF) - Unisonic Technologies

UCR8PM Datasheet PDF - Unisonic Technologies
Part # UCR8PM
Download  UCR8PM Download
File Size   180.6 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 8A TRIAC

UCR8PM Datasheet (PDF)

Go To PDF Page Download Datasheet
UCR8PM Datasheet PDF - Unisonic Technologies

Part # UCR8PM
Download  UCR8PM Click to download

File Size   180.6 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 8A TRIAC

UCR8PM Datasheet (HTML) - Unisonic Technologies




Similar Part No. - UCR8PM

ManufacturerPart #DatasheetDescription
logo
Rohm
UCR ROHM-UCR Datasheet
550Kb / 8P
Thick film low ohmic chip resistors for current detection
UCR ROHM-UCR Datasheet
839Kb / 7P
For Current Detection Thick film shunt resistors
2023.1 - Rev.008
UCR006 ROHM-UCR006 Datasheet
839Kb / 7P
For Current Detection Thick film shunt resistors
2023.1 - Rev.008
UCR006YVPFLR33 ROHM-UCR006YVPFLR33 Datasheet
839Kb / 7P
For Current Detection Thick film shunt resistors
2023.1 - Rev.008
UCR006YVPFSR33 ROHM-UCR006YVPFSR33 Datasheet
839Kb / 7P
For Current Detection Thick film shunt resistors
2023.1 - Rev.008
More results


Similar Description - UCR8PM

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TM841M-L SANKEN-TM841M-L Datasheet
58Kb / 2P
TO-220 8A Triac
TM841S-L SANKEN-TM841S-L Datasheet
59Kb / 2P
TO-220F 8A Triac
logo
NEC
AC08DGM NEC-AC08DGM Datasheet
688Kb / 6P
8A MOLD TRIAC
logo
STMicroelectronics
T820W STMICROELECTRONICS-T820W_04 Datasheet
63Kb / 5P
8A SNUBBERLESSTM TRIAC
Mar-2004
logo
Hi-Sincerity Mocroelect...
HST08 HSMC-HST08 Datasheet
130Kb / 4P
TRIAC 600V,8A
logo
Renesas Technology Corp
BCR8LM-12LA RENESAS-BCR8LM-12LA Datasheet
138Kb / 7P
600V - 8A - Triac
logo
SemiHow Co.,Ltd.
HTX8-600 SEMIHOW-HTX8-600 Datasheet
267Kb / 6P
600V 8A TRIAC
logo
Renesas Technology Corp
BCR8FM-20LA RENESAS-BCR8FM-20LA Datasheet
779Kb / 8P
1000V - 8A - Triac
BCR8FM-16LB RENESAS-BCR8FM-16LB Datasheet
792Kb / 8P
800V - 8A - Triac
BCR8FM-14LB RENESAS-BCR8FM-14LB_17 Datasheet
823Kb / 9P
700V - 8A - Triac
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com