| Manufacturer | Part # | Datasheet | Description |
 Glenair, Inc. |
963-002
|
219Kb / 1P |
Tactical Cat 5e Ethernet Cable
|
|
963-004
|
194Kb / 1P |
Cat 7 Ethernet Cable
|
 List of Unclassifed Man... |
BE43769
|
273Kb / 3P |
Industrial Ethernet Cat 5e Rail Transit Cable
|
 ERNI Electronics |
100203210054
|
93Kb / 1P |
Federleiste M12 8 pol CAT 6A
|
 TE Connectivity Ltd |
C-2241021
|
534Kb / 1P |
DOUBLE ENDED, SHIELDED CAT 6A, PIN CONNECTOR CABLE ASSEMBLY, 10 GIGABIT, M12
|
 HARTING Technology Grou... |
33-48-010-1829-010
|
489Kb / 2P |
ix Industrial A Cat.6A FRNC orange 1,0m
|
|
33-48-010-1828-100
|
501Kb / 2P |
ix Industrial A Cat.6A FRNC black 10m
|
|
33-48-010-1823-100
|
478Kb / 2P |
ix Industrial A Cat.6A FRNC white 10m
|
 WAGO Kontakttechnik Gmb... |
756-1250-1023-050
|
297Kb / 4P |
ETHERNET cable; RJ45, axial locking; RJ45, axial locking; Cat. 6A; Length: 5 m
22.11.2021 |
 Lapp. |
2170930
|
274Kb / 2P |
ETHERLINE® PN Cat.6A Y FLEX
01.01.2019 |