Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IGP20N60H3 Datasheet (PDF) - Infineon Technologies AG

IGP20N60H3 Datasheet PDF - Infineon Technologies AG
Part # IGP20N60H3
Download  IGP20N60H3 Download
File Size   2111.72 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description High speed switching series third generation

IGP20N60H3 Datasheet (PDF)

Go To PDF Page Download Datasheet
IGP20N60H3 Datasheet PDF - Infineon Technologies AG

Part # IGP20N60H3
Download  IGP20N60H3 Click to download

File Size   2111.72 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description High speed switching series third generation

IGP20N60H3 Datasheet (HTML) - Infineon Technologies AG


IGP20N60H3 Product details

High speed IGBT in Trench and Fieldstop technology

Features:
TRENCHSTOPTM technology offering
• very low turn-off energy
• low VCEsat
• low EMI
• maximum junction temperature 175°C
• qualified according to JEDEC for target applications
• Pb-free lead plating,halogen-free mould compound,RoHS compliant
• complete product spectrum and PSpice Models: http://www.infineon.com/igbt/

Applications:
• uninterruptible power supplies
• welding converters
• converters with high switching frequency




Similar Part No. - IGP20N60H3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGP20N65F5 INFINEON-IGP20N65F5 Datasheet
2Mb / 14P
650V IGBT high speed switching series fifth generation
Rev.2.1,2014-06-11
IGP20N65H5 INFINEON-IGP20N65H5 Datasheet
2Mb / 14P
650V IGBT high speed switching series fifth generation
Rev.2.1,2014-06-11
logo
Inchange Semiconductor ...
IGP20N65H5 ISC-IGP20N65H5 Datasheet
578Kb / 2P
IGBT
More results


Similar Description - IGP20N60H3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGA30N60H3 INFINEON-IGA30N60H3 Datasheet
1Mb / 15P
High speed switching series third generation
2010-07-21 revision:2.1
IGP30N60H3 INFINEON-IGP30N60H3 Datasheet
2Mb / 14P
High speed switching series third generation
Rev.2.2,2014-03-11
IKW40N60H3 INFINEON-IKW40N60H3 Datasheet
2Mb / 16P
High speed switching series third generation
Rev.2.4,2014-03-12
IKW50N60H3 INFINEON-IKW50N60H3 Datasheet
2Mb / 16P
High speed switching series third generation
Rev.2.2,2014-03-12
IGW75N60H3 INFINEON-IGW75N60H3 Datasheet
1Mb / 14P
High speed switching series third generation
2011-12-13 revision:1.2
IGW50N60H3 INFINEON-IGW50N60H3_14 Datasheet
1Mb / 14P
600V high speed switching series third generation
Rev.2.2,2014-03-12
IGB30N60H3 INFINEON-IGB30N60H3_14 Datasheet
1Mb / 14P
600V high speed switching series third generation
Rev.2.3,2014-03-11
IKW40N120H3 INFINEON-IKW40N120H3 Datasheet
2Mb / 16P
1200V high speed switching series third generation
Rev.2.1,2014-11-26
IGW100N60H3 INFINEON-IGW100N60H3 Datasheet
1Mb / 14P
600V high speed switching series third generation
Rev.1.2,2013-02-07
IKW60N60H3 INFINEON-IKW60N60H3 Datasheet
1Mb / 16P
600V high speed switching series third generation
2012-05-29 revision:1.2
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com