Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT28F320A18 Datasheet (PDF) - Micron Technology

MT28F320A18 Datasheet PDF - Micron Technology
Part # MT28F320A18
Download  MT28F320A18 Download
File Size   558.83 Kbytes
Page   37 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description FLASH MEMORY

MT28F320A18 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT28F320A18 Datasheet PDF - Micron Technology

Part # MT28F320A18
Download  MT28F320A18 Click to download

File Size   558.83 Kbytes
Page   37 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description FLASH MEMORY

MT28F320A18 Datasheet (HTML) - Micron Technology


MT28F320A18 Product details

GENERAL DESCRIPTION
The MT28F320A18 is a nonvolatile electrically block-erasable (Flash) memory containing eight 4-Kword parameter blocks and sixty-three 32K-word main blocks.

FEATURES
• 32Mb block architecture
    Seventy-one erasable blocks:
    Eight 4K-word parameter blocks
    Sixty-three 32K-word main memory blocks
• VCC, VCCQ, VPP voltages*
    1.65V (MIN), 1.95V (MAX) VCC, VCCQ
    0.9V (MIN), 1.95V (MAX) VPP (in-system
    PROGRAM/ERASE)
    12V ±5% (HV) VPP tolerant (factory programming
    compatibility)
• Random access time: 70ns @ 1.65V VCC
• Low power consumption (VCC = 1.8V)
    Asynchronous Read < 18mA
    Write/Erase < 40mA (MAX)
    Standby < 50µA (MAX)
    Automatic power saving feature (APS)
• Enhanced write and erase suspend options
    ERASE-SUSPEND-to-READ
    PROGRAM-SUSPEND-to-READ
    ERASE-SUSPEND-to-PROGRAM
• Dual 64-bit chip protection registers for security purposes
• Cross-compatible command support
    Extended command set
    Common flash interface
• PROGRAM/ERASE cycle
    100,000 WRITE/ERASE cycles per block (VPP = VPP1)




Similar Part No. - MT28F320A18

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F320J3 MICRON-MT28F320J3 Datasheet
548Kb / 52P
Q-FLASHTM MEMORY
MT28F320J3FS-11 MICRON-MT28F320J3FS-11 Datasheet
548Kb / 52P
Q-FLASHTM MEMORY
MT28F320J3FS-11ET MICRON-MT28F320J3FS-11ET Datasheet
548Kb / 52P
Q-FLASHTM MEMORY
MT28F320J3FS-12 MICRON-MT28F320J3FS-12 Datasheet
548Kb / 52P
Q-FLASHTM MEMORY
MT28F320J3FS-12ET MICRON-MT28F320J3FS-12ET Datasheet
548Kb / 52P
Q-FLASHTM MEMORY
More results


Similar Description - MT28F320A18

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
FLASH MEMORY
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
FLASH MEMORY
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
FLASH MEMORY
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
FLASH MEMORY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com