Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT48LC1M16A1 Datasheet (PDF) - Micron Technology

MT48LC1M16A1 Datasheet PDF - Micron Technology
Part # MT48LC1M16A1
Download  MT48LC1M16A1 Download
File Size   1481.19 Kbytes
Page   51 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description SYNCHRONOUS DRAM

MT48LC1M16A1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT48LC1M16A1 Datasheet PDF - Micron Technology

Part # MT48LC1M16A1
Download  MT48LC1M16A1 Click to download

File Size   1481.19 Kbytes
Page   51 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description SYNCHRONOUS DRAM

MT48LC1M16A1 Datasheet (HTML) - Micron Technology


MT48LC1M16A1 Product details

GENERAL DESCRIPTION
The 16Mb SDRAM is a high-speed CMOS, dynamic random-access memory containing 16,777,216 bits. It is internally configured as a dual 512K x 16 DRAM with a synchronous interface (all signals are registered on the positive edge of the clock signal, CLK). Each of the 512K x 16-bit banks is organized as 2,048 rows by 256 columns by 16 bits.

FEATURES
• PC100 functionality
• Fully synchronous; all signals registered on
    positive edge of system clock
• Internal pipelined operation; column address can
    be changed every clock cycle
• Internal banks for hiding row access/precharge
    1 Meg x 16 - 512K x 16 x 2 banks architecture with
    11 row, 8 column addresses per bank
• Programmable burst lengths: 1, 2, 4, 8 or full page
• Auto Precharge Mode, includes CONCURRENT
    AUTO PRECHARGE
• Self Refresh and Adaptable Auto Refresh Modes
    - 32ms, 2,048-cycle refresh or
    - 64ms, 2,048-cycle refresh or
    - 64ms, 4,096-cycle refresh
• LVTTL-compatible inputs and outputs
• Single +3.3V ±0.3V power supply
• Supports CAS latency of 1, 2 and 3
• Industrial temperature range: -40°C to +85°C




Similar Part No. - MT48LC1M16A1

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC1M16A1S MICRON-MT48LC1M16A1S Datasheet
1Mb / 51P
SYNCHRONOUS DRAM
MT48LC1M16A1TGS MICRON-MT48LC1M16A1TGS Datasheet
1Mb / 51P
SYNCHRONOUS DRAM
More results


Similar Description - MT48LC1M16A1

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
SYNCHRONOUS DRAM
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C4M16SA ALSC-AS4C4M16SA Datasheet
1Mb / 54P
Synchronous DRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com