Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1215 Datasheet (PDF) - ON Semiconductor

CM1215 Datasheet PDF - ON Semiconductor
Part # CM1215
Download  CM1215 Download
File Size   351.28 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4-Channel Low Capacitance ESD Arrays

CM1215 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1215 Datasheet PDF - ON Semiconductor

Part # CM1215
Download  CM1215 Click to download

File Size   351.28 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4-Channel Low Capacitance ESD Arrays

CM1215 Datasheet (HTML) - ON Semiconductor


CM1215 Product details

Product Description
The CM1215 family of diode arrays provides ESD protection for electronic components or sub−systems requiring minimal capacitive loading. These devices are ideal for protecting systems with high data and clock rates or for circuits requiring low capacitive loading. Each ESD channel consists of a pair of diodes in series which steer the positive or negative ESD current pulse to either the positive (VP) or negative (VN) supply rail. The CM1215 protects against ESD pulses up to ±15 kV per the IEC 61000−4−2 standard.

Features
• One, two, and four channels of ESD Protection
• Provides ±15 kV ESD Protection on Each Channel Per the IEC 61000−4−2 ESD Requirements
• Channel Loading Capacitance of 1.6 pF Typical
• Channel I/O to GND Capacitance Difference of 0.04 pF Typical
• Mutual Capacitance of 0.13 pF Typical
• Minimal Capacitance Change with Temperature and Voltage
• Each I/O Pin Can Withstand Over 1000 ESD Strikes
• SOT Packages
• These Devices are Pb−Free and are RoHS Compliant

Applications
• IEEE1394 Firewire® Ports at 400 Mbps / 800 Mbps
• DVI Ports, HDMI Ports in Notebooks, Set Top Boxes, Digital TVs, LCD Displays
• Serial ATA Ports in Desktop PCs and Hard Disk Drives
• PCI Express Ports
• General Purpose High−Speed Data Line ESD Protection




Similar Part No. - CM1215

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1215 CALMIRCO-CM1215 Datasheet
338Kb / 10P
1-, 2- and 4-Channel Low Capacitance ESD Arrays
CM1215-01SO CALMIRCO-CM1215-01SO Datasheet
338Kb / 10P
1-, 2- and 4-Channel Low Capacitance ESD Arrays
CM1215-01ST CALMIRCO-CM1215-01ST Datasheet
338Kb / 10P
1-, 2- and 4-Channel Low Capacitance ESD Arrays
CM1215-02SO CALMIRCO-CM1215-02SO Datasheet
338Kb / 10P
1-, 2- and 4-Channel Low Capacitance ESD Arrays
CM1215-02SR CALMIRCO-CM1215-02SR Datasheet
338Kb / 10P
1-, 2- and 4-Channel Low Capacitance ESD Arrays
More results


Similar Description - CM1215

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1215 CALMIRCO-CM1215 Datasheet
338Kb / 10P
1-, 2- and 4-Channel Low Capacitance ESD Arrays
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1224 ONSEMI-CM1224 Datasheet
389Kb / 14P
2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1225 ONSEMI-CM1225 Datasheet
344Kb / 11P
4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 2
CM1293 ONSEMI-CM1293 Datasheet
344Kb / 10P
8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1293A ONSEMI-CM1293A Datasheet
397Kb / 16P
2-and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 4
CM1213A ONSEMI-CM1213A_11 Datasheet
518Kb / 13P
1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
ESD7124 ONSEMI-ESD7124 Datasheet
103Kb / 5P
4-Channel Low Capacitance ESD Arrays
August, 2014 ??Rev. 0
CM1224 ONSEMI-CM1224_12 Datasheet
301Kb / 11P
2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 5
CM1293A ONSEMI-CM1293A_12 Datasheet
518Kb / 9P
Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com