Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

42095 Datasheet (PDF) - Micropac Industries

42095 Datasheet PDF - Micropac Industries
Part # 42095
Download  42095 Download
File Size   95.71 Kbytes
Page   3 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description NEGATIVE HIGH TEMPERATURE REGULATOR

42095 Datasheet (PDF)

Go To PDF Page Download Datasheet
42095 Datasheet PDF - Micropac Industries

Part # 42095
Download  42095 Click to download

File Size   95.71 Kbytes
Page   3 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description NEGATIVE HIGH TEMPERATURE REGULATOR

42095 Datasheet (HTML) - Micropac Industries


42095 Product details

DESCRIPTION

The 42095 series of regulators covers the voltage range from -5 VDC through -30 VDC. These regulators are fabricated using hybrid techniques and will operate at temperatures up to +200°C case. These devices are complete with internal short circuit protection which includes voltage shutdown and current foldback. The 42095 series regulators normally do not require any additional components. However, for good design practice, an external filter cap should be installed at the input, as close to the case as possible.



Features:

• Output current to 1.5 amps

• Input voltage to -30V

• Internal short circuit protection, foldback and current limiting

• Storage Temperature +250°C

• 200°C Operating temperature



Applications:

• Logging while drilling

• Measuring while drilling (down-hole applications)

• Other harsh environments

• Used as military and industrial devices

• Designed for use in high temperature environments



 




Similar Part No. - 42095

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
42095 TURCK-42095 Datasheet
199Kb / 3P
Inductive Sensor
11/07/2023
logo
Micropac Industries
42095-005 MICROPAC-42095-005 Datasheet
37Kb / 3P
NEGATIVE HIGH TEMPERATURE REGULATOR
42095-012 MICROPAC-42095-012 Datasheet
37Kb / 3P
NEGATIVE HIGH TEMPERATURE REGULATOR
42095-015 MICROPAC-42095-015 Datasheet
37Kb / 3P
NEGATIVE HIGH TEMPERATURE REGULATOR
42095-018 MICROPAC-42095-018 Datasheet
37Kb / 3P
NEGATIVE HIGH TEMPERATURE REGULATOR
More results


Similar Description - 42095

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM104 NSC-LM104 Datasheet
161Kb / 6P
Negative Regulator
logo
Linear Technology
LT137A LINER-LT137A Datasheet
795Kb / 8P
Negative Adjustable Regulator
logo
Micropac Industries
42117 MICROPAC-42117 Datasheet
99Kb / 3P
NEGATIVE HIGH TEMPERATURE FIXED VOLTAGE REGULATOR
logo
GTM CORPORATION
GSC79LXX GTM-GSC79LXX Datasheet
345Kb / 5P
NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SM79L09 SECOS-SM79L09 Datasheet
343Kb / 2P
Negative Voltage Regulator
logo
Silicon Standard Corp.
SS6714 SSC-SS6714 Datasheet
94Kb / 5P
Negative Voltage Regulator
logo
E-Tech Electronics LTD
GM79LXX ETL-GM79LXX Datasheet
330Kb / 5P
NEGATIVE VOLTAGE REGULATOR
logo
Linear Technology
LM137 LINER-LM137_15 Datasheet
158Kb / 12P
Negative Adjustable Regulator
logo
Micropac Industries
42095 MICROPAC-42095_06 Datasheet
37Kb / 3P
NEGATIVE HIGH TEMPERATURE REGULATOR
42117_005 MICROPAC-42117_005 Datasheet
95Kb / 3P
NEGATIVE HIGH TEMPERATURE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com